Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8640 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMP8640
Description  LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8640 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMP8640 Datasheet HTML 8Page - Texas Instruments LMP8640 Datasheet HTML 9Page - Texas Instruments LMP8640 Datasheet HTML 10Page - Texas Instruments LMP8640 Datasheet HTML 11Page - Texas Instruments LMP8640 Datasheet HTML 12Page - Texas Instruments LMP8640 Datasheet HTML 13Page - Texas Instruments LMP8640 Datasheet HTML 14Page - Texas Instruments LMP8640 Datasheet HTML 15Page - Texas Instruments LMP8640 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
TIME (400 ns /DIV)
GAIN 20V/V
GAIN 50V/ V
GAIN 100 V/V
VSENSE
VS = 5V, VCM = 12V
TIME (400 ns/DIV)
GAIN 20V/V
GAIN 50V/V
GAIN 100V/V
VSENSE
VS = 5V, VCM = 12V
TIME (2 2s/DIV)
GAIN 20V/V
GAIN 50V/V
GAIN 100
VSENSE
VS=12V, VCM =12V
TIME (2 2s/DIV)
GAIN 20V/ V
GAIN 50V/V
GAIN 100V/V
VSENSE
VS = 5V, VCM = 12V
VSENSE (mV)
13.0
12.0
11.0
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
0
100
200
300
400
500
600
GAIN 20V/V
GAIN 50V/V
GAIN 100V/V
VS=12V, VCM =12V
VSENSE (mV)
300
250
200
150
100
50
0
-3
-2
-1
0
1
2
3
GAIN 20V/V
GAIN 50V/V
GAIN 100V/ V
VS=12V, VCM=12V
LMP8640, LMP8640-Q1, LMP8640HV
SNOSB28G – AUGUST 2010 – REVISED NOVEMBER 2014
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C, VS=V
+-V-, V
SENSE= +IN - (-IN), RL = 10 MΩ.
Figure 13. Output voltage vs. VSENSE
Figure 14. Output Voltage vs. VSENSE (ZOOM Close to 0 V)
Figure 16. Small Step Response
Figure 15. Large Step Response
Figure 17. Settling Time (Fall)
Figure 18. Settling Time (Rise)
12
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LMP8640 LMP8640-Q1 LMP8640HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com