Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8640 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMP8640
Description  LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8640 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP8640 Datasheet HTML 9Page - Texas Instruments LMP8640 Datasheet HTML 10Page - Texas Instruments LMP8640 Datasheet HTML 11Page - Texas Instruments LMP8640 Datasheet HTML 12Page - Texas Instruments LMP8640 Datasheet HTML 13Page - Texas Instruments LMP8640 Datasheet HTML 14Page - Texas Instruments LMP8640 Datasheet HTML 15Page - Texas Instruments LMP8640 Datasheet HTML 16Page - Texas Instruments LMP8640 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Frequency (Hz)
110
90
70
50
30
10
1
10
100
1k
10k
100k
GAIN 100V/V
GAIN 50V/V
GAIN 20V/V
VS = 5V, VCM = 12V
FREQUENCY (Hz)
100
80
60
40
20
0
10
100
1k
10k
100k
1M
GAIN 100 V/V
GAIN 50V/V
GAIN 20V/V
VS = 5V, VCM = 12V
I OUT (mA)
2. 505
2. 504
2. 503
2. 502
2. 501
2. 500
2. 499
2. 498
0
1
2
3
4
5
6
7
8
9
10
GAIN 50
GAIN 100 V/V
GAIN 20V/ V
VS=5V, VCM=12V
I OUT (mA)
2.6
2.5
2.4
2.3
2.2
2.1
2.0
1.9
0
1
2
3
4
5
6
7
8
9
10
GAIN 50
GAIN 100V/ V
GAIN 20V/V
VS=5V, VCM=12V
TIME (4 é
s/DIV)
VCM
VOUT
VS = 5V, GAIN 20 V/V
TIME (4 é
s/DIV)
VCM
VOUT
VS = 5V, GAIN 20 V/V
LMP8640, LMP8640-Q1, LMP8640HV
www.ti.com
SNOSB28G – AUGUST 2010 – REVISED NOVEMBER 2014
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C, VS=V
+-V-, V
SENSE= +IN - (-IN), RL = 10 MΩ.
Figure 19. Common Mode Step Response (Rise)
Figure 20. Common Mode Step Response (Fall)
Figure 21. Load Regulation (Sinking)
Figure 22. Load Regulation (Sourcing)
Figure 23. AC PSRR vs. Frequency
Figure 24. AC CMRR vs. Frequency
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP8640 LMP8640-Q1 LMP8640HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com