Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2572LP Datasheet(PDF) 36 Page - Texas Instruments

Part # LMX2572LP
Description  LMX2572LP 2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2572LP Datasheet(HTML) 36 Page - Texas Instruments

Back Button LMX2572LP Datasheet HTML 32Page - Texas Instruments LMX2572LP Datasheet HTML 33Page - Texas Instruments LMX2572LP Datasheet HTML 34Page - Texas Instruments LMX2572LP Datasheet HTML 35Page - Texas Instruments LMX2572LP Datasheet HTML 36Page - Texas Instruments LMX2572LP Datasheet HTML 37Page - Texas Instruments LMX2572LP Datasheet HTML 38Page - Texas Instruments LMX2572LP Datasheet HTML 39Page - Texas Instruments LMX2572LP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 83 page
background image
36
LMX2572LP
SNAS764 – MAY 2018
www.ti.com
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 48. Register R41 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
MASH_SEED[15:0]
R/W
0h
Lower 16 bits of MASH_SEED. MASH_SEED sets the initial state of the fractional
engine. Useful for producing a phase shift and fractional spur optimization.
7.6.43 Register R42 (offset = 2Ah) [reset = 0000h]
Figure 70. Register R42
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PLL_NUM[31:16]
R/W-0h
Table 49. Register R42 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
PLL_NUM[31:16]
R/W
0h
Upper 16 bits of fractional numerator (NUM).
7.6.44 Register R43 (offset = 2Bh) [reset = 0000h]
Figure 71. Register R43
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PLL_NUM[15:0]
R/W-0h
Table 50. Register R43 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
PLL_NUM[15:0]
R/W
0h
Lower 16 bits of fractional numerator (NUM).
7.6.45 Register R44 (offset = 2Ch) [reset = 08A2h]
Figure 72. Register R44
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
OUTA_PWR
OUTB_P
D
OUTA_P
D
MASH_R
ESET_N
0
0
MASH_ORDER
R/W-0h
R/W-08h
R/W-1h
R/W-0h
R/W-1h
R/W-0h
R/W-2h
Table 51. Register R44 Field Descriptions
Bit
Field
Type Reset
Description
15 - 14
R/W
0h
Program 0h to this field.
13 - 8
OUTA_PWR
R/W
08h
Adjusts RFoutA output power. Higher numbers give more output power. Values
greater than 18 are prohibited.
7
OUTB_PD
R/W
1h
Powers down RF output B.
0: Normal operation
1: Power down
6
OUTA_PD
R/W
0h
Powers down RF output A.
0: Normal operation
1: Power down
5
MASH_RESET_N
R/W
1h
Resets MASH.
0: Reset
1: Normal operation
4 - 3
R/W
0h
Program 0h to this field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com