Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2572LP Datasheet(PDF) 1 Page - Texas Instruments

Part # LMX2572LP
Description  LMX2572LP 2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2572LP Datasheet(HTML) 1 Page - Texas Instruments

  LMX2572LP Datasheet HTML 1Page - Texas Instruments LMX2572LP Datasheet HTML 2Page - Texas Instruments LMX2572LP Datasheet HTML 3Page - Texas Instruments LMX2572LP Datasheet HTML 4Page - Texas Instruments LMX2572LP Datasheet HTML 5Page - Texas Instruments LMX2572LP Datasheet HTML 6Page - Texas Instruments LMX2572LP Datasheet HTML 7Page - Texas Instruments LMX2572LP Datasheet HTML 8Page - Texas Instruments LMX2572LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
Charge
Pump
Serial Interface
CPout
Vtune
CSB
SCK
SDI
Lock Detect or
Register Readback
x2
Ramp Generator
FSK Generator
OSCinP
OSCinM
RFoutBP
RFoutBM
RFoutAP
RFoutAM
MUXout
SYNC
SysRefReq
MULT
,
÷2/4/8«/256
RampClk RampDir
CE
Pre-R
Divider
Post-R
Divider
Enable
Phase
Sync
û
Modulator
N-Divider
LDOs
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMX2572LP
SNAS764 – MAY 2018
LMX2572LP 2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
1
1 Features
1
•
Output Frequency: 12.5 MHz to 2 GHz
•
Low Power Consumption: 70 mA at 3.3-V Supply
•
–124-dBc/Hz Phase Noise at 100-kHz Offset With
800-MHz Carrier
•
PLL Figure of Merit: –232 dBc/Hz
•
PLL Normalized 1/f Noise: –123.5 dBc/Hz
•
32-Bit Fractional-N Divider
•
Remove Integer Boundary Spurs With
Programmable Input Multiplier
•
Synchronization of Output Phase Across Multiple
Devices
•
Support for Ramp and Chirp Functions
•
Support for FSK Direct Digital Modulation
•
Two Programmable Output Power Level
Differential Outputs
•
Fast VCO Calibration Speed: < 20 µs
•
Single 3-V to 3.5-V Power Supply
2 Applications
•
Test and Measurement Equipment
•
Digital 2-Way Radios
•
Low Power Radio Communication Systems
•
Satellite Communication
•
Wireless Microphones
•
Propriety Wireless Connectivity
•
MIMO
•
High-Speed Data Converter Clocking
3 Description
The LMX2572LP is a low-power, high-performance
wideband
synthesizer
that
can
generate
one
frequency from 12.5 MHz to 2 GHz without the use of
an internal doubler. The PLL delivers excellent
performance while consuming just 70 mA from a
single 3.3-V supply.
For applications like digital mobile radio (DMR) and
wireless microphones, the LMX2572LP supports FSK
modulation. Discrete level FSK and pulse-shaping
FSK are supported. Direct digital FSK modulation is
achievable through programming or pins.
The LMX2572LP allows users to synchronize the
output
of
multiple
devices
and
also
enables
applications that need deterministic delay between
input and output. The LMX2572LP provides an option
to adjust the phase with fine granularity to account for
delay mismatch on the board or within devices. A
frequency ramp generator can synthesize up to two
segments of ramp in an automatic ramp generation
option or a manual option for maximum flexibility. The
fast calibration algorithm allows the user to change
frequencies faster than 20 µs.
The LMX2572LP integrates LDOs from a single 3.3-V
supply, thus eliminating the need for onboard low-
noise LDOs.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMX2572LP
VQFN (40)
6.00 mm × 6.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram


Similar Part No. - LMX2572LP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2572LP TI1-LMX2572LP Datasheet
1Mb / 82P
2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
LMX2572LPRHAR TI1-LMX2572LPRHAR Datasheet
1Mb / 82P
2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
LMX2572LPRHAT TI1-LMX2572LPRHAT Datasheet
1Mb / 82P
2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
More results

Similar Description - LMX2572LP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V97051 IDT-8V97051_16 Datasheet
987Kb / 56P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97053 IDT-8V97053 Datasheet
1Mb / 58P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97053L IDT-8V97053L Datasheet
1Mb / 68P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051 IDT-8V97051_17 Datasheet
987Kb / 55P
Low Power Wideband Fractional RF Synthesizer / PLL
logo
Texas Instruments
LMX2572 TI1-LMX2572 Datasheet
997Kb / 26P
6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572_17 Datasheet
1Mb / 87P
6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572LP TI1-LMX2572LP Datasheet
1Mb / 82P
2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
logo
Renesas Technology Corp
8V97051A RENESAS-8V97051A Datasheet
1Mb / 58P
Low Power Wideband Fractional RF Synthesizer / PLL
logo
Texas Instruments
LMX2571-EP TI-LMX2571-EP Datasheet
3Mb / 70P
LMX2571-EP Low-Power, High-Performance PLLatinum짰 RF Synthesizer With FSK Modulation
SNAS824 ??OCTOBER 2021
logo
Renesas Technology Corp
8V97053 RENESAS-8V97053 Datasheet
2Mb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
February 2, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com