Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-34C02A Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S-34C02A
Description  2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-34C02A Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S-34C02A Datasheet HTML 17Page - Seiko Instruments Inc S-34C02A Datasheet HTML 18Page - Seiko Instruments Inc S-34C02A Datasheet HTML 19Page - Seiko Instruments Inc S-34C02A Datasheet HTML 20Page - Seiko Instruments Inc S-34C02A Datasheet HTML 21Page - Seiko Instruments Inc S-34C02A Datasheet HTML 22Page - Seiko Instruments Inc S-34C02A Datasheet HTML 23Page - Seiko Instruments Inc S-34C02A Datasheet HTML 24Page - Seiko Instruments Inc S-34C02A Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
Rev.1.2_00
S-34C02A
Seiko Instruments Inc.
21
Using S-34C02A
1. SDA I/O pin and SCL input pin
In consideration of I
2C-bus protocol function, the SDA I/O and SCL input pins*1 should be connected with a pull-up
resister of 1 to 5 k
Ω.
The S-34C02A cannot transmit normally without using a pull-up resistor.
*1.
In the case that the SCL input pin of the S-34C02A is connected to the tri-state output pin in the master device,
connect the SCL pin with a pull-up resistor as well in order not to set the SCL input pin in high impedance. This
prevents the S-34C02A from error caused by an uncertain output (high impedance) from the tri-state pin when
resetting the master device during the voltage drop.
2. Equivalent circuit of I/O pin
Each input pin (A0, A1, A2, WP) of the S-34C02A has a built-in pull-down register. The SDA line has an open-drain
output. The followings are equivalent circuits of the pins.
SCL
Figure 19 SCL Pin
SDA
Figure 20 SDA Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com