Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-34C02A Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-34C02A
Description  2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-34C02A Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-34C02A Datasheet HTML 1Page - Seiko Instruments Inc S-34C02A Datasheet HTML 2Page - Seiko Instruments Inc S-34C02A Datasheet HTML 3Page - Seiko Instruments Inc S-34C02A Datasheet HTML 4Page - Seiko Instruments Inc S-34C02A Datasheet HTML 5Page - Seiko Instruments Inc S-34C02A Datasheet HTML 6Page - Seiko Instruments Inc S-34C02A Datasheet HTML 7Page - Seiko Instruments Inc S-34C02A Datasheet HTML 8Page - Seiko Instruments Inc S-34C02A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Rev.1.2_00
2-WIRE CMOS SERIAL E2PROM
FOR DIMM SERIAL PRESENCE DETECT
S-34C02A
Seiko Instruments Inc.
1
S-34C02A is a 2-wired serial E
2PROM for DIMM Serial
Presence Detect which operates with low current
consumption and the wide range operation. The S-34C02A
has the capacity of 2K-bit and the organization of 256
words
× 8-bit, is able to Page Write and Sequential Read.
S-34C02A has Hardware Protect and Software Protect.
Hardware Protect inhibits Write to all memory area by
connecting the WP pin to VCC. Software Protect inhibits
Write in 50% of the lower address (the address 00h to 7Fh)
in all memory area by inputting command when the WP pin
is connected to GND or left open.
Features
• Operating voltage range
Read:
1.6 to 5.5 V
Write:
1.7 to 5.5 V
• Page write:
16 bytes / page
• Sequential read
• Operation frequency:
400 kHz (VCC = 2.5 to 5.5 V)
• Noise filtering
Schmitt trigger and noise filter on bus input pins (SCL, SDA)
• Write protect function during low power supply
• Endurance:
10
6 cycles / word*1 (at +25°C)
*1. For each address (Word: 8 bits)
• Data retention:
100 years (at
+25°C)
• Memory size
2K-bit
• Write Protect:
Hardware Protect 100% (addresses 00h to FFh)
Software Protect for the lower address of 50% (addresses 00h to 7Fh)
• Lead-free product
Package
Drawing code
Package name
Package
Tape
Reel
8-Pin TSSOP
FT008-A
FT008-E
FT008-E
Caution This product is intended to use in general electronic devices such as consumer electronics, office
equipment, and communications devices. Before using the product in medical equipment or
automobile equipment including car audio, keyless entry and engine control unit, contact to SII is
indispensable.


Similar Part No. - S-34C02A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-34C02B SII-S-34C02B Datasheet
1Mb / 26P
Write protect function during low power supply voltage
More results

Similar Description - S-34C02A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34C02 STMICROELECTRONICS-M34C02 Datasheet
147Kb / 19P
2 Kbit Serial I²C Bus EEPROM For DIMM Serial Presence Detect
27-Dec-1999
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
logo
Catalyst Semiconductor
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
2-kb I2C Serial EEPROM, Serial Presence Detect
logo
Seiko Instruments Inc
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
2-WIRE CMOS SERIAL E2PROM
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
logo
Seiko Instruments Inc
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
2-WIRE CMOS SERIAL E2PROM
logo
ON Semiconductor
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
Seiko Instruments Inc
S-34C04A SII-S-34C04A Datasheet
1Mb / 22P
FOR DIMM SERIAL PRESENCE DETECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com