Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-34C02A Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-34C02A
Description  2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-34C02A Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-34C02A Datasheet HTML 1Page - Seiko Instruments Inc S-34C02A Datasheet HTML 2Page - Seiko Instruments Inc S-34C02A Datasheet HTML 3Page - Seiko Instruments Inc S-34C02A Datasheet HTML 4Page - Seiko Instruments Inc S-34C02A Datasheet HTML 5Page - Seiko Instruments Inc S-34C02A Datasheet HTML 6Page - Seiko Instruments Inc S-34C02A Datasheet HTML 7Page - Seiko Instruments Inc S-34C02A Datasheet HTML 8Page - Seiko Instruments Inc S-34C02A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
S-34C02A
Rev.1.2_00
Seiko Instruments Inc.
4
Absolute Maximum Ratings
Table 2
Item
Symbol
Absolute Maximum Rating
Unit
Power supply voltage
VCC
−0.3 to +7.0
V
Input voltage
VIN
−0.3 to +7.0
V
A0 High level Input voltage
VHV
−0.3 to +10.0
V
Output voltage
VOUT
−0.3 to VCC+0.3
V
Operation ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−65 to +150
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
Recommended Operating Conditions
Table 3
Item
Symbol
Condition
Min.
Max.
Unit
Read Operation
1.6
5.5
V
Power supply voltage
VCC
Write Operation
1.7
5.5
V
High level input voltage
VIH
VCC = 1.6 to 5.5 V
0.7
× VCC
VCC
V
Low level input voltage
VIL
VCC = 1.6 to 5.5 V
0.0
0.3
× VCC
V
A0 High level input voltage
VHV
VHV
− VCC > 4.8 V
7.0
10.0
V
Pin Capacitance
Table 4
(Ta = 25°C, f = 1.0 MHz, VCC = 5 V)
Item
Symbol
Condition
Min.
Max.
Unit
Input capacitance
CIN
VIN = 0 V (SCL, A0, A1, A2, WP)
−
10
pF
Input / output capacitance
CI / O
VI / O = 0 V (SDA)
−
10
pF
Endurance
Table 5
Item
Symbol
Operation Ambient Temperature
Min.
Max.
Unit
Endurance
NW
+25°C
10
6
−
cycles / word
*1
*1.
For each address (Word: 8 bits)
Data Retention
Table 6
Item
Symbol
Operation Ambient Temperature
Min.
Max.
Unit
Data retention
−
+25°C
100
−
year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com