Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VGASPL1VV Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # VGASPL1VV
Description  1 ft VGA to 2x VGA Video Splitter Cable – M/F
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

VGASPL1VV Datasheet(HTML) 3 Page - StarTech.com Ltd.

  VGASPL1VV Datasheet HTML 1Page - StarTech.com Ltd. VGASPL1VV Datasheet HTML 2Page - StarTech.com Ltd. VGASPL1VV Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Quantity
1
Package Length
8.9 in [22.5 cm]
Package Width
4.9 in [12.5 cm]
Package Height
1.5 in [3.8 cm]
Shipping (Package)
Weight
5.8 oz [164.0 g]
What's in the Box
Included in Package
1 - 1 ft VGA to 2x VGA Video Splitter Cable – M/F
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com