Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VGASPL1VV Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # VGASPL1VV
Description  1 ft VGA to 2x VGA Video Splitter Cable – M/F
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

VGASPL1VV Datasheet(HTML) 2 Page - StarTech.com Ltd.

  VGASPL1VV Datasheet HTML 1Page - StarTech.com Ltd. VGASPL1VV Datasheet HTML 2Page - StarTech.com Ltd. VGASPL1VV Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Number of Conductors
15
Connector Plating
Gold
Cable Jacket Material
PVC - Polyvinyl Chloride
Cable Shield Material
Aluminum-Mylar Foil with Braid
Fire Rating
CMG Rated (General Purpose)
Performance
Maximum Digital
Resolutions
20481536 @ 85Hz
Connector(s)
Connector A
1 - VGA (15 pin, High Density D-Sub)
Connector B
2 - VGA (15 pin, High Density D-Sub)
Special Notes /
Requirements
Note
This product will split your video signal to deliver two identical
images of the same resolution. It cannot be used to span an
image across two displays, or to show different images on each
display.
Physical
Characteristics
Color
Black
Wire Gauge
28 AWG
Max Connector Dimension 1.6 in [41 mm]
Cable Length
1.0 ft [0.3 m]
Cable OD
0.4 in [9.0 mm]
Product Length
12.0 in [30.5 cm]
Product Width
1.6 in [4.1 cm]
Product Height
1.5 in [3.7 cm]
Weight of Product
5.6 oz [159.0 g]
Packaging
Information



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com