Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VGASPL1VV Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # VGASPL1VV
Description  1 ft VGA to 2x VGA Video Splitter Cable – M/F
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

VGASPL1VV Datasheet(HTML) 1 Page - StarTech.com Ltd.

  VGASPL1VV Datasheet HTML 1Page - StarTech.com Ltd. VGASPL1VV Datasheet HTML 2Page - StarTech.com Ltd. VGASPL1VV Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 ft VGA to 2x VGA Video Splitter Cable – M/F
Product ID: VGASPL1VV
This VGASPL1VV 1-foot VGA video splitter cable lets you connect two VGA displays to a single VGA video source.
A cost-effective solution for dual VGA monitor configurations, this high-quality splitter cable is backed by
StarTech.com's Lifetime Warranty.
Certifications, Reports and Compatibility
Applications
• Easily enable one VGA signal to be connected to two displays
• Drive two displays from one source using just a cable
Features
• Split a single VGA signal into two
• No power adapter required
Hardware
Warranty
Lifetime


Similar Part No. - VGASPL1VV

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VGAS AVX-VGAS Datasheet
116Kb / 2P
Glass Encapsulated TransGuard
VGAS120616D390DP AVX-VGAS120616D390DP Datasheet
116Kb / 2P
Multilayer Varistors for Automotive Applications
VGAS120616D400DP AVX-VGAS120616D400DP Datasheet
116Kb / 2P
Multilayer Varistors for Automotive Applications
VGAS120616D440DP AVX-VGAS120616D440DP Datasheet
116Kb / 2P
Multilayer Varistors for Automotive Applications
VGAS120616D490DP AVX-VGAS120616D490DP Datasheet
116Kb / 2P
Multilayer Varistors for Automotive Applications
More results

Similar Description - VGASPL1VV

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P1200012 TRIPPLITE-P1200012 Datasheet
477Kb / 2P
DVI to VGA Y Splitter Adapter Cable (DVI-I-M to 2x HD15-F), 1-ft
P516001 TRIPPLITE-P516001 Datasheet
481Kb / 2P
VGA Monitor Y Splitter Cable (HD15 M-2xF), 1-ft
P516001HR TRIPPLITE-P516001HR Datasheet
482Kb / 2P
VGA Monitor Y Splitter Cable, High Resolution (HD15 M to 2x HD15 F), 1-ft
P574001 TRIPPLITE-P574001 Datasheet
468Kb / 2P
DMS-59 to Dual VGA Splitter Y Cable (M to 2xF), 1-ft
P516-001 TRIPPLITE-P516-001 Datasheet
158Kb / 2P
VGA Monitor Y Splitter Cable (HD15 M/2xF), 1-ft.
P516-001-HR TRIPPLITE-P516-001-HR Datasheet
157Kb / 2P
VGA Monitor Y Splitter Cable, High Resolution (HD15 M to 2x HD15 F), 1-ft.
P516-006-HR TRIPPLITE-P516-006-HR Datasheet
167Kb / 2P
High Resolution VGA Monitor Y Splitter Cable (HD15 M to 2x HD15 F), 6-ft.
P574-001 TRIPPLITE-P574-001 Datasheet
152Kb / 2P
DMS-59 to Dual VGA Splitter Y Cable (M to 2xF), 1-ft
P120-001-2 TRIPPLITE-P120-001-2 Datasheet
157Kb / 2P
DVI to VGA Y Splitter Adapter Cable (DVI-I-M to 2x HD15-F), 1-ft.
logo
IOGEAR
GVS62 IOGEAR-GVS62 Datasheet
142Kb / 2P
2-Port VGA Video Splitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com