Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T93 Datasheet(PDF) 52 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus real-time clock (RTC) with battery switchover
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M41T93 Datasheet HTML 48Page - STMicroelectronics M41T93 Datasheet HTML 49Page - STMicroelectronics M41T93 Datasheet HTML 50Page - STMicroelectronics M41T93 Datasheet HTML 51Page - STMicroelectronics M41T93 Datasheet HTML 52Page - STMicroelectronics M41T93 Datasheet HTML 53Page - STMicroelectronics M41T93 Datasheet HTML 54Page - STMicroelectronics M41T93 Datasheet HTML 55Page - STMicroelectronics M41T93 Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
Package mechanical data
M41T93
52/56
DocID12615 Rev 8
Figure 26. QFN16 – 16-lead, quad, flat, no lead, 4 x 4 mm, recommended footprint
1. Dimensions shown are in millimeters (mm)
2. Substrate pad should be tied to VSS
Figure 27. 32 KHz crystal + QFN16 vs. VSOJ20 mechanical data
Note:
Dimensions shown are in millimeters (mm).
0.35
2.70
4.50
2.70
AI11815
0.65
0.70
0.325
0.20
(2)
1
2
3
4
AI11816
ST QFN16
SMT
CRYSTAL
VSOJ20
3.9
3.9
1.5
3.2
6.0 ± 0.2
7.0 ± 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com