Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T93 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus real-time clock (RTC) with battery switchover
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M41T93 Datasheet HTML 7Page - STMicroelectronics M41T93 Datasheet HTML 8Page - STMicroelectronics M41T93 Datasheet HTML 9Page - STMicroelectronics M41T93 Datasheet HTML 10Page - STMicroelectronics M41T93 Datasheet HTML 11Page - STMicroelectronics M41T93 Datasheet HTML 12Page - STMicroelectronics M41T93 Datasheet HTML 13Page - STMicroelectronics M41T93 Datasheet HTML 14Page - STMicroelectronics M41T93 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
DocID12615 Rev 8
11/56
M41T93
Description
56
1.1
SPI signal description
1.1.1
Serial data output (SDO)
The output pin is used to transfer data serially out of the device. Data is shifted out on the
falling edge of the serial clock.
1.1.2
Serial data input (SDI)
The input pin is used to transfer data serially into the device. Instructions, addresses, and
the data to be written, are each received this way. Input is latched on the rising edge of the
serial clock.
1.1.3
Serial clock (SCL)
The serial clock provides the timing for the serial interface (as shown in Figure 23 on
page 48 and Figure 24 on page 48). The W/R bit, addresses, or data are latched, from the
input pin, on the rising edge of the clock input. The output data on the SDO pin changes
state after the falling edge of the clock input.
The M41T93 can be driven by a microcontroller with its SPI peripheral running in only mode
0: (CPOL, CPHA) = (0,0).
For this mode, input data (SDI) is latched in by the low-to-high transition of clock SCL, and
output data (SDO) is shifted out on the high-to-low transition of SCL (see Table 2 on
page 10 and Figure 6 on page 10).
1.1.4
Chip enable (E)
When E is high, the memory device is deselected, and the SDO output pin is held in its high
impedance state.
After power-on, a high-to-low transition on E is required prior to the start of any operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com