Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T93 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus real-time clock (RTC) with battery switchover
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M41T93 Datasheet HTML 21Page - STMicroelectronics M41T93 Datasheet HTML 22Page - STMicroelectronics M41T93 Datasheet HTML 23Page - STMicroelectronics M41T93 Datasheet HTML 24Page - STMicroelectronics M41T93 Datasheet HTML 25Page - STMicroelectronics M41T93 Datasheet HTML 26Page - STMicroelectronics M41T93 Datasheet HTML 27Page - STMicroelectronics M41T93 Datasheet HTML 28Page - STMicroelectronics M41T93 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
DocID12615 Rev 8
25/56
M41T93
Clock operation
56
3.4.2
Analog calibration (programmable load capacitance)
A second method of calibration employs the use of programmable internal load capacitors
to adjust (or trim) the oscillator frequency. As discussed in Section 3.4.1, the 512 Hz
frequency test output can be used to determine the amount of frequency error in the
oscillator. Changes in the analog calibration value will affect the frequency test output, thus
the user can immediately see the effects of these changes (see Section 3.14 on page 38 for
more information on enabling the FT output).
By design, the oscillator is intended to be 0 ppm (± crystal accuracy) at room temperature
(25 °C, see Figure 11 on page 26) when a 12.5 pF crystal is connected. Referring to
Figure 12 on page 28, the device has two load capacitors, CXI and CXO, connected from the
XI and XO pins to ground. These are nominally 25 pF each. The effective load capacitance
is the series equivalent of these two:
For the nominal case of CXI = CXO = 25 pF,
Thus, the nominal effective load capacitance matches the crystal specification of 12.5 pF.
The analog calibration register can be digitally adjusted, up or down, in increments of
0.25 pF, to change the capacitance of CXI and CXO. The default value is 25 pF. The
maximum is 34.75 pF, to slow the clock, and the minimum is 7 pF, to speed up the clock.
The analog calibration value is in sign-magnitude format with the most significant bit the sign
bit. The table below shows the approximate weighting for each of the bits.
While the 7 bits plus sign suggest a total adjustment range of ±31.75 pF, the logic inside the
device limits this to the range +9.75 pF / –18 pF. The table below summarizes the nominal,
upper and lower limits of the load capacitance and the expected effect on the operating
frequency of the oscillator.
The asymmetrical nature of the adjustment range (+9.75 pF / –18 pF) is due to the nature of
the frequency versus temperature curve (Figure 11) of 32.768 kHz watch crystals. The
oscillator will slow down at temperatures both above and below room level (~25 °C). Hence,
it usually needs to be sped up, so more adjustment range is provided to remove capacitance
than to increase it.
b7
b6
b5
b4
b3
b2
b1
b0
sign
16
8
4
2
1
0.5
0.25
pF
CLOAD
(pF)
CXI, CXO
(pF)
ACAL
(Addr 0x12)
Oscillator frequency
12.5
25 (default)
0x00
0 ppm
17.4
34.75 (+9.75)
0x27
–15 ppm (slow)
3.5
7 (–18)
0xC8
+95 ppm (fast)
CLOAD
CXI CXO
CXI CXO
+
---------------------------
=
CLOAD
25 25
25 25
+
-------------------
12.5pF
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com