Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T83SM6F Datasheet(PDF) 45 Page - STMicroelectronics

Part # M41T83SM6F
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83SM6F Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M41T83SM6F Datasheet HTML 41Page - STMicroelectronics M41T83SM6F Datasheet HTML 42Page - STMicroelectronics M41T83SM6F Datasheet HTML 43Page - STMicroelectronics M41T83SM6F Datasheet HTML 44Page - STMicroelectronics M41T83SM6F Datasheet HTML 45Page - STMicroelectronics M41T83SM6F Datasheet HTML 46Page - STMicroelectronics M41T83SM6F Datasheet HTML 47Page - STMicroelectronics M41T83SM6F Datasheet HTML 48Page - STMicroelectronics M41T83SM6F Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
DocID012578 Rev 19
45/64
M41T82, M41T83
Clock operation
Figure 25. IRQ1/FT/OUT output pin circuit
The timer, oscillator fail detect circuit, alarm 1, and watchdog are ORed together as the
primary interrupt sources. The frequency test signal, FT, is used to enable a 512 Hz output
on the IRQ1/FT/OUT pin for calibrating the RTC. When not used as an interrupt or
frequency test output, the pin can be used as a discrete logic output controlled by the OUT
bit. The ABE bit is used to enable interrupts during backup mode.
Operating on VCC, all four interrupt sources are available. During backup, the timer and
watchdog are disabled, and the only interrupt sources are alarm 1 and the oscillator fail
detect circuit.
TIMER
TF
OFIE
AI1E
WDOG
OF
Q
PRE
reload
AF1
WDF
OUT
FT
A1IE
OFIE
TIE
w-dog running
ABE
IRQ1/OUT/FT
TE
Write OF to 0
to clear
Read FLAGS register
to clear
Write watchdog register
to clear
IRQ1/OUT/FT
LOGIC
TI/TP
TIE
AM03013v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com