Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T83SM6F Datasheet(PDF) 26 Page - STMicroelectronics

Part # M41T83SM6F
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83SM6F Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M41T83SM6F Datasheet HTML 22Page - STMicroelectronics M41T83SM6F Datasheet HTML 23Page - STMicroelectronics M41T83SM6F Datasheet HTML 24Page - STMicroelectronics M41T83SM6F Datasheet HTML 25Page - STMicroelectronics M41T83SM6F Datasheet HTML 26Page - STMicroelectronics M41T83SM6F Datasheet HTML 27Page - STMicroelectronics M41T83SM6F Datasheet HTML 28Page - STMicroelectronics M41T83SM6F Datasheet HTML 29Page - STMicroelectronics M41T83SM6F Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
Clock operation
M41T82, M41T83
26/64
DocID012578 Rev 19
Table 5. Key to Table 4: M41T83 clock/control register map (32 bytes)
Code
Explanation
0
Must be set to zero
ABE
Alarm in battery back-up enable bit
A1IE, A2IE
Alarm interrupt enable bits
AC0-AC6
Analog calibration bits
ACS
Analog calibration sign bit
AF1, AF2
Alarm flag
AL2E
Alarm 2 enable bit
BL
Battery low bit
BMB0-BMB4
Watchdog multiplier bits
CB0, CB1
Century bits
DC0-DC4
Digital calibration bits
DCS
Digital calibration Sign bit
FT
Frequency test bit
HT
Halt update bit
OF
Oscillator fail bit
OUT
Output level
OFIE
Oscillator fail interrupt enable
OTP
OTP control bit
RB0-RB1
Watchdog resolution bits
RPT11-RPT15
Alarm 1 repeat mode bits
RPT21-RPT25
Alarm 2 repeat mode bits
RS0-RS3
SQW frequency
SQWE
Square wave enable
SRAM/ALM2
SRAM/alarm 2 bit
ST
Stop bit
TD0, TD1
Timer frequency bits
TE
Timer enable bit
TF
Timer flag
TI/TP
Timer interrupt or pulse
TIE
Timer interrupt enable
WDF
Watchdog flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com