Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T83SM6F Datasheet(PDF) 62 Page - STMicroelectronics

Part # M41T83SM6F
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83SM6F Datasheet(HTML) 62 Page - STMicroelectronics

Back Button M41T83SM6F Datasheet HTML 56Page - STMicroelectronics M41T83SM6F Datasheet HTML 57Page - STMicroelectronics M41T83SM6F Datasheet HTML 58Page - STMicroelectronics M41T83SM6F Datasheet HTML 59Page - STMicroelectronics M41T83SM6F Datasheet HTML 60Page - STMicroelectronics M41T83SM6F Datasheet HTML 61Page - STMicroelectronics M41T83SM6F Datasheet HTML 62Page - STMicroelectronics M41T83SM6F Datasheet HTML 63Page - STMicroelectronics M41T83SM6F Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
Part numbering
M41T82, M41T83
62/64
DocID012578 Rev 19
7
Part numbering
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Table 30. Ordering information
Example:
M41T
83
S
QA
6
F
Device family
M41T
Device type
82 (SO8 package only)
83
Operating voltage
S = VCC = 3.00 to 5.5 V
R = VCC = 2.70 to 5.5 V
Z = VCC = 2.38 to 5.5 V
Package
QA = QFN16 (4 mm x 4 mm)
M(1) = SO8
1. M41T82 only
MY(2) = SOX18
2. The SOX18 package includes an embedded 32,768 Hz crystal.
Temperature range
6 = –40 °C to 85 °C
Shipping method
F = ECOPACK® package, tape & reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com