Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38690 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP38690
Description  LP38690, LP38692 1-A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38690 Datasheet(HTML) 5 Page - Texas Instruments

  LP38690 Datasheet HTML 1Page - Texas Instruments LP38690 Datasheet HTML 2Page - Texas Instruments LP38690 Datasheet HTML 3Page - Texas Instruments LP38690 Datasheet HTML 4Page - Texas Instruments LP38690 Datasheet HTML 5Page - Texas Instruments LP38690 Datasheet HTML 6Page - Texas Instruments LP38690 Datasheet HTML 7Page - Texas Instruments LP38690 Datasheet HTML 8Page - Texas Instruments LP38690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
LP38690, LP38692
www.ti.com
SNVS322M – DECEMBER 2004 – REVISED DECEMBER 2015
Product Folder Links: LP38690 LP38692
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
(1)
Typical numbers represent the most likely parametric norm for 25°C operation.
(2)
Output voltage line regulation is defined as the change in output voltage from nominal value resulting from a change in input voltage.
(3)
Output voltage load regulation is defined as the change in output voltage from nominal value as the load current increases from 1 mA to
full load.
(4)
Dropout voltage is defined as the minimum input to output differential required to maintain the output within 100 mV of nominal value.
6.5 Electrical Characteristics
Unless otherwise specified: VIN = VOUT + 1 V, CIN = COUT = 10 µF, ILOAD = 10 mA, and limits are for TJ = 25°C. Minimum (MIN)
and maximum (MAX) limits are specified through testing, statistical correlation, or design.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VOUT
Output voltage tolerance
–2.5
2.5
%VOUT
100 µA < IL < 1 A
VO + 1 V ≤ VIN ≤ 10 V
−40°C ≤ TJ ≤ 125°C
–5
5
ΔVOUT/ΔVIN
Output voltage line
regulation(2)
VOUT + 0.5 V ≤ VIN ≤ 10 V
IL = 25 mA
0.03
%/A
VOUT + 0.5 V ≤ VIN ≤ 10 V
IL = 25 mA
−40°C ≤ TJ ≤ 125°C
1
ΔVOUT/ΔIL
Output voltage load
regulation(3)
1 mA < IL < 1 A
VIN = VOUT + 1 V
1.8
V
1 mA < IL < 1 A
VIN = VOUT + 1 V
−40°C ≤ TJ ≤ 125°C
5
VIN – VOUT
Dropout voltage(4)
VOUT = 1.8 V
IL = 1 A
950
mV
VOUT = 1.8 V
IL = 1 A
−40°C ≤ TJ ≤ 125°C
1600
VOUT = 2.5 V
IL = 0.1 A
80
IL = 1 A
800
VOUT = 2.5 V
−40°C ≤ TJ ≤ 125°C
IL = 0.1 A
145
IL = 1 A
1300
VOUT = 3.3 V
IL = 0.1 A
65
IL = 1 A
650
VOUT = 3.3 V
−40°C ≤ TJ ≤ 125°C
IL = 0.1 A
110
IL = 1 A
1000
VOUT = 5 V
IL = 0.1 A
45
IL = 1 A
450
VOUT = 5 V,
−40°C ≤ TJ ≤ 125°C
IL = 0.1 A
100
IL = 1 A
800
IQ
Quiescent current
VIN ≤ 10 V, IL = 100 µA to 1 A
55
µA
VIN ≤ 10 V, IL = 100 µA to 1 A
−40°C ≤ TJ ≤ 125°C
100
VEN ≤ 0.4 V (LP38692 only)
0.001
IL(MIN)
Minimum load current
VIN – VOUT ≤ 4 V
−40°C ≤ TJ ≤ 125°C
100
IFB
Foldback current limit
VIN – VOUT > 5 V
450
mA
VIN – VOUT < 4 V
1500
PSRR
Ripple rejection
VIN = VOUT + 2 V(DC), with 1V(p-p) / 120
Hz ripple
55
dB
TSD
Thermal shutdown
activation (junction temp)
160
°C
TSD (HYST)
Thermal shutdown
hysteresis (junction temp)
10
en
Output noise
VOUT = 3.3 V, BW = 10 Hz to 10 kHz
0.7
µV/
√Hz
VOUT (LEAK)
Output leakage current
VOUT = VOUT(NOM) + 1 V at 10 VIN
0.5
12
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com