Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38690 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP38690
Description  LP38690, LP38692 1-A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38690 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP38690 Datasheet HTML 2Page - Texas Instruments LP38690 Datasheet HTML 3Page - Texas Instruments LP38690 Datasheet HTML 4Page - Texas Instruments LP38690 Datasheet HTML 5Page - Texas Instruments LP38690 Datasheet HTML 6Page - Texas Instruments LP38690 Datasheet HTML 7Page - Texas Instruments LP38690 Datasheet HTML 8Page - Texas Instruments LP38690 Datasheet HTML 9Page - Texas Instruments LP38690 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
10
100
1k
10k
100k
FREQUENCY (Hz)
0.0
0.5
1.0
1.5
COUT = 100 PF
10
100
1k
10k
100k
0
10
20
30
40
50
60
FREQUENCY (Hz)
COUT = 10 PF
VIN(DC) = 5.3V
VIN(AC) = 1V(p-p)
VOUT = 3.3V
10
100
1k
10k
100k
FREQUENCY (Hz)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
COUT = 1 PF
FREQUENCY (Hz)
10
100
1k
10k
100k
0.0
0.2
0.4
0.6
0.8
1.0
COUT = 10 PF
6
LP38690, LP38692
SNVS322M – DECEMBER 2004 – REVISED DECEMBER 2015
www.ti.com
Product Folder Links: LP38690 LP38692
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified: VIN = VOUT + 1 V, CIN = COUT = 10 µF, ILOAD = 10 mA, and limits are for TJ = 25°C. Minimum (MIN)
and maximum (MAX) limits are specified through testing, statistical correlation, or design.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VEN
Enable voltage (LP38692
only)
Output = OFF,
−40°C ≤ TJ ≤ 125°C
0.4
V
Output = ON, VIN = 4 V
−40°C ≤ TJ ≤ 125°C
1.8
Output = ON, VIN = 6 V
−40°C ≤ TJ ≤ 125°C
3
Output = ON, VIN = 10 V
−40°C ≤ TJ ≤ 125°C
4
IEN
Enable pin leakage
VEN = 0 V or 10 V, VIN = 10 V
–1
0.001
1
µA
6.6 Typical Characteristics
Unless otherwise specified: TJ = 25°C, CIN = COUT = 10 µF, EN pin is tied to VIN (LP38692 only), VOUT = 1.8 V, VIN = VOUT + 1
V, IL = 10 mA.
Figure 1. Noise vs Frequency
Figure 2. Noise vs Frequency
Figure 3. Noise vs Frequency
Figure 4. Ripple Rejection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com