Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38690 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP38690
Description  LP38690, LP38692 1-A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38690 Datasheet(HTML) 1 Page - Texas Instruments

  LP38690 Datasheet HTML 1Page - Texas Instruments LP38690 Datasheet HTML 2Page - Texas Instruments LP38690 Datasheet HTML 3Page - Texas Instruments LP38690 Datasheet HTML 4Page - Texas Instruments LP38690 Datasheet HTML 5Page - Texas Instruments LP38690 Datasheet HTML 6Page - Texas Instruments LP38690 Datasheet HTML 7Page - Texas Instruments LP38690 Datasheet HTML 8Page - Texas Instruments LP38690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LP38692
IN
OUT
SNS
**
GND
1 PF
*
1 PF
*
VOUT
VIN
VEN
EN
LP38690
IN
OUT
SNS
**
GND
VOUT
VIN
1 µF*
1 µF*
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP38690, LP38692
SNVS322M – DECEMBER 2004 – REVISED DECEMBER 2015
LP38690, LP38692 1-A Low Dropout CMOS Linear Regulators
Stable with Ceramic Output Capacitors
1
1 Features
1
•
Wide Input Voltage Range (2.7 V to 10 V)
•
2.5% Output Accuracy (25°C)
•
Low Dropout Voltage: 450 mV at 1 A
(typical, 5 VOUT)
•
Precision (Trimmed) Bandgap Reference
•
Ensured Specifications for –40°C to 125°C
•
1-µA Off-State Quiescent Current
•
Thermal Overload Protection
•
Foldback Current Limiting
•
3-Lead TO-252, 5-Lead SOT-223, and 6-Bump
WSON Packages
•
Enable Pin (LP38692)
•
Ground Pin Current: 55 µA (typical) at Full Load
•
Precision Output Voltage: 2.5% (25°C) Accuracy
2 Applications
•
Hard Disk Drives
•
Notebook Computers
•
Battery Powered Devices
•
Portable Instrumentation
3 Description
The LP38690 and LP38692 low-dropout CMOS linear
regulators
provide
tight
output
tolerance
(2.5%
typical), extremely low dropout voltage (450 mV at a
1-A load current, VOUT = 5 V), and excellent AC
performance utilizing ultra low ESR ceramic output
capacitors.
The low thermal resistance of the WSON, SOT-223,
and TO-252 packages allow the full operating current
to be used even in high ambient temperature
environments.
The use of a PMOS power transistor means that no
DC base drive current is required to bias it allowing
ground
pin
current
to
remain
below
100
µA
regardless of load current, input voltage, or operating
temperature.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP38690
TO-252 (3)
6.58 mm x 6.10 mm
WSON (6)
3.00 mm x 3.00 mm
LP38692
SOT-223 (5)
6.50 mm x 3.56 mm
WSON (6)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic for LP38690
* Minimum value required for stability.
**WSON package devices only.
Simplified Schematic for LP38692
* Minimum value required for stability.
**WSON package devices only.


Similar Part No. - LP38690

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38690 NSC-LP38690 Datasheet
820Kb / 15P
1A Low Dropout CMOS Linear Regulators
LP38690-ADJ NSC-LP38690-ADJ Datasheet
777Kb / 13P
1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38690-ADJ TI1-LP38690-ADJ Datasheet
1Mb / 22P
LP38692-ADJ 1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38690-ADJ TI1-LP38690-ADJ Datasheet
1Mb / 27P
1-A Low Dropout CMOS Linear Regulator
LP38690-ADJ TI1-LP38690-ADJ_16 Datasheet
1Mb / 27P
1-A Low Dropout CMOS Linear Regulator
More results

Similar Description - LP38690

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38693 NSC-LP38693 Datasheet
793Kb / 15P
500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38692-ADJ NSC-LP38692-ADJ Datasheet
777Kb / 13P
1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38692MP-3.3 TI1-LP38692MP-3.3 Datasheet
1Mb / 28P
1A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691DTX-5.0 TI-LP38691DTX-5.0 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38690-ADJ TI1-LP38690-ADJ Datasheet
1Mb / 22P
LP38692-ADJ 1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38693MP-5 TI1-LP38693MP-5 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5.0 TI-LP38693MP-5.0 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38690 TI-LP38690_15 Datasheet
1Mb / 31P
LP38690, LP38692 1-A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com