Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F031F6Y7 Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32F031F6Y7
Description  ARM®-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F031F6Y7 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32F031F6Y7 Datasheet HTML 98Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 99Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 100Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 101Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 102Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 103Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 104Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 105Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 106Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 104 / 106 page
background image
Revision history
STM32F031x4 STM32F031x6
104/106
DocID025743 Rev 6
28-Aug-2015
3
(continued)
Added WLCSP25 package, updates in the following:
– Table 1: Device summary,
– Section 2: Description,
– Table 2: STM32F031x4/x6 family device features and
peripheral counts,
– Section 4: Pinouts and pin description: addition of
Figure 7: WLCSP25 25-ball package ballout (bump
side) and update of Table 11: Pin definitions,
– Table 18: General operating conditions,
– Section 7: Package information with the addition of
Section 7.5: WLCSP25 package information,
– Table 68: Package thermal characteristics.
16-Dec-2015
4
Cover page:
– number of timers added in the title
– Table 1: Device summary - STM32F031x4 added
Section 2: Description:
– Figure 1: Block diagram updated
Section 3: Functional overview:
– Figure 2: Clock tree updated
– Section 3.5.4: Low-power modes - added explicit inf.
on peripherals configurable to operate with HSI
– Section 3.10.2: Internal voltage reference (VREFINT) -
removed information on comparators
– Section 3.11.2: General-purpose timers (TIM2, 3, 14,
16, 17) - number of gen-purpose timers corrected
– Table 7: STM32F031x4/x6 I2C implementation -
added 20mA output drive current
Section 4: Pinouts and pin description:
– Package pinout figures updated (look and feel)
– Figure 7: WLCSP25 package pinout - now presented
in top view
– Table 11: Pin definitions - notes 3 and 6 added
Section 5: Memory mapping:
– added information on memory mapping difference of
STM32F031x4 from STM32F031x6
Section 6: Electrical characteristics:
– Table 22: Embedded internal reference voltage:
removed -40°-to-85° condition and associated note for
VREFINT
– Table 25 and Table 26 values rounded to 1 decimal
– Table 46: I/O static characteristics - removed note
– Table 50: ADC characteristics - updated some
parameter values, test conditions and added
footnotes (3) and (4)
Table 70. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com