Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F031F6Y7 Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32F031F6Y7
Description  ARM®-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F031F6Y7 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32F031F6Y7 Datasheet HTML 98Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 99Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 100Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 101Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 102Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 103Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 104Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 105Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 106Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 105 / 106 page
background image
DocID025743 Rev 6
105/106
STM32F031x4 STM32F031x6
Revision history
105
16-Dec-2015
4
(continued)
– Section 6.3.16: 12-bit ADC characteristics - changed
introductory sentence
– Table 60: I2S characteristics: table reorganized,
tv(SD_ST) max value updated
Section 7: Package information:
– Figure 41: Recommended footprint for UFQFPN28
package updated
Section 8: Part numbering:
– added tray packing to options
06-Jan-2017
5
Section 6: Electrical characteristics:
– Table 34: LSE oscillator characteristics (fLSE = 32.768
kHz) - information on configuring different drive
capabilities removed. See the corresponding
reference manual.
– Table 22: Embedded internal reference voltage -
VREFINT values
– Figure 26: SPI timing diagram - slave mode and
CPHA = 0 and Figure 27: SPI timing diagram - slave
mode and CPHA = 1 enhanced and corrected
Section 8: Ordering information:
– The name of the section changed from the previous
“Part numbering”
15-May-2017
6
Section 7: Package information:
– Figure 45: WLCSP25 package marking example - the
composition of the package marking fields and
character sizes corrected. Check the product errata
sheet for additional information.
– Notes under package marking figures modified.
Table 70. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com