Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS15H100CB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS15H100CB
Description  High voltage power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS15H100CB Datasheet(HTML) 1 Page - STMicroelectronics

  STPS15H100CB Datasheet HTML 1Page - STMicroelectronics STPS15H100CB Datasheet HTML 2Page - STMicroelectronics STPS15H100CB Datasheet HTML 3Page - STMicroelectronics STPS15H100CB Datasheet HTML 4Page - STMicroelectronics STPS15H100CB Datasheet HTML 5Page - STMicroelectronics STPS15H100CB Datasheet HTML 6Page - STMicroelectronics STPS15H100CB Datasheet HTML 7Page - STMicroelectronics STPS15H100CB Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
December 2015
DocID8562 Rev 7
1/8
STPS15H100C
High voltage power Schottky rectifier
Datasheet
- production data
Features
 Negligible switching losses
 Low leakage current
 Good trade off between leakage current and
forward voltage drop
 Low thermal resistance
 Avalanche capability specified
 ECOPACK®2 compliant component for DPAK
on demand
Description
Dual center tab Schottky rectifier suited for
switched mode power supply and high frequency
DC to DC converters.
Packaged in DPAK, this device is intended for use
in high frequency inverters.
A2
A2
DPAK
K
K
A1
A1
K
A1
A2
Table 1. Device summary
Symbol
Value
IF(AV)
2 x 7.5 A
VRRM
100 V
Tj
175 °C
VF (typ)
0.62 V
www.st.com


Similar Part No. - STPS15H100CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS15H100CB STMICROELECTRONICS-STPS15H100CB Datasheet
66Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS15H100CB STMICROELECTRONICS-STPS15H100CB Datasheet
127Kb / 8P
High voltage power Schottky rectifier
08-Jun-2006
logo
Inchange Semiconductor ...
STPS15H100CB ISC-STPS15H100CB Datasheet
293Kb / 2P
Schottky Rectifier
logo
STMicroelectronics
STPS15H100CB-TR STMICROELECTRONICS-STPS15H100CB-TR Datasheet
66Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS15H100CB-TR STMICROELECTRONICS-STPS15H100CB-TR Datasheet
127Kb / 8P
High voltage power Schottky rectifier
08-Jun-2006
More results

Similar Description - STPS15H100CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS30150CT STMICROELECTRONICS-STPS30150CT Datasheet
93Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com