Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS15H100CB Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS15H100CB
Description  High voltage power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS15H100CB Datasheet(HTML) 2 Page - STMicroelectronics

  STPS15H100CB Datasheet HTML 1Page - STMicroelectronics STPS15H100CB Datasheet HTML 2Page - STMicroelectronics STPS15H100CB Datasheet HTML 3Page - STMicroelectronics STPS15H100CB Datasheet HTML 4Page - STMicroelectronics STPS15H100CB Datasheet HTML 5Page - STMicroelectronics STPS15H100CB Datasheet HTML 6Page - STMicroelectronics STPS15H100CB Datasheet HTML 7Page - STMicroelectronics STPS15H100CB Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPS15H100C
2/8
DocID8562 Rev 7
1
Characteristics
When the diodes 1 and 2 are used simultaneously:
 T
j(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
To evaluate the conduction losses use the following equation:
P = 0.58 x IF(AV) + 0.012 IF
2
(RMS)
Table 2. Absolute ratings (limiting values per diode at 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
Forward rms current
10
A
IF(AV)
Average forward current,
δ = 0.5, square
wave
Tc = 135 °C
(1)
Per diode
7.5
A
Per device
15
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
75
A
PARM
Repetitive peak avalanche power
tp = 10 µs, Tj = 125 °C
475
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature(2)
175
°C
1.
Value based on Rth(j-c) max (per diode)
2.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
–

--------------------------
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
4
°C/W
Total
2.4
Rth(c)
Coupling
0.7
Table 4. Static electrical characteristics (per diode)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
3µA
Tj = 125 °C
1.3
4
mA
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 7.5 A
0.8
V
Tj = 125 °C
IF = 7.5 A
0.62
0.67
Tj = 25 °C
IF = 12 A
0.85
Tj = 125 °C
IF = 12 A
0.68
0.73
Tj = 25 °C
IF = 15 A
0.89
Tj = 125 °C
IF = 15 A
0.71
0.76
1.
tp = 5 ms,  < 2%
2.
tp = 380 µs,  < 2%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com