Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS15H100CB Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS15H100CB
Description  High voltage power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS15H100CB Datasheet(HTML) 3 Page - STMicroelectronics

  STPS15H100CB Datasheet HTML 1Page - STMicroelectronics STPS15H100CB Datasheet HTML 2Page - STMicroelectronics STPS15H100CB Datasheet HTML 3Page - STMicroelectronics STPS15H100CB Datasheet HTML 4Page - STMicroelectronics STPS15H100CB Datasheet HTML 5Page - STMicroelectronics STPS15H100CB Datasheet HTML 6Page - STMicroelectronics STPS15H100CB Datasheet HTML 7Page - STMicroelectronics STPS15H100CB Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID8562 Rev 7
3/8
STPS15H100C
Characteristics
8
Figure 1. Conduction losses versus average
current (per diode)
Figure 2. Average forward current versus
ambient temperature (
δ = 0.5, per diode)
0
1
2
3
4
5
6
7
0123456789
IF(av)(A)
PF(av)(W)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
= tp/T
δ
tp
0
1
2
3
4
5
6
7
8
9
0
25
50
75
100
125
150
175
Tamb(°C)
Rth
Rth
(j
(j
-
-
a)=
c)
= 70 °C/W
IF(av)(A)
T
= tp/T
δ
tp
Rth (j - a)
Figure 3. Normalized avalanche power derating
versus pulse duration at Tj = 125 °C
Figure 4. Relative variation of thermal
impedance junction to case versus pulse
duration
P(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Figure 5. Reverse leakage current versus
reverse voltage applied
(typical values, per diode)
Figure 6. Junction capacitance versus reverse
voltage applied
(typical values, per diode)
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0
10
2030
405060
7080
90
100
V (V)
R
Tj = 150 °C
I (mA)
R
Tj = 125 °C
Tj
Tj
= 100 °C
= 50 °C
Tj
Tj
= 75 °C
= 25 °C
0.0
0.1
1.0
1
10
100
VR(V)
F = 1 MHz
Vosc = 30 mV
Tj = 25 °C
C(nF)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com