Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F435IPZ Datasheet(PDF) 2 Page - Texas Instruments

Part # MSP430F435IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F435IPZ Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F435IPZ Datasheet HTML 1Page - Texas Instruments MSP430F435IPZ Datasheet HTML 2Page - Texas Instruments MSP430F435IPZ Datasheet HTML 3Page - Texas Instruments MSP430F435IPZ Datasheet HTML 4Page - Texas Instruments MSP430F435IPZ Datasheet HTML 5Page - Texas Instruments MSP430F435IPZ Datasheet HTML 6Page - Texas Instruments MSP430F435IPZ Datasheet HTML 7Page - Texas Instruments MSP430F435IPZ Datasheet HTML 8Page - Texas Instruments MSP430F435IPZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 89 page
background image
MSP430x43x1, MSP430x43x, MSP430x44x1, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344G − JANUARY 2002 − REVISED OCTOBER 2009
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The MSP430x43x(1) and the MSP430x44x(1) series are microcontroller configurations with two built-in 16-bit
timers, a fast 12-bit A/D converter (not implemented on the MSP430F43x1 and MSP430F44x1 devices), one
or two universal serial synchronous/asynchronous communication interfaces (USART), 48 I/O pins, and a liquid
crystal driver (LCD) with up to 160 segments.
Typical applications include sensor systems that capture analog signals, convert them to digital values, and
process and transmit the data to a host system, or process this data and display it on a LCD panel. The timers
make the configurations ideal for industrial control applications such as ripple counters, digital motor control,
EE-meters, hand-held meters, etc. The hardware multiplier enhances the performance and offers a broad code
and hardware-compatible family solution.
AVAILABLE OPTIONS{
PACKAGED DEVICES}
TA
PLASTIC 80-PIN QFP
(PN)
PLASTIC 100-PIN QFP
(PZ)
−40
°C to 85°C
MSP430F435IPN
MSP430F436IPN
MSP430F437IPN
MSP430F4351IPN
MSP430F4361IPN
MSP430F4371IPN
MSP430F435IPZ
MSP430F436IPZ
MSP430F437IPZ
MSP430F4351IPZ
MSP430F4361IPZ
MSP430F4371IPZ
MSP430F447IPZ
MSP430F448IPZ
MSP430F449IPZ
MSP430F4481IPZ
MSP430F4491IPZ
† For the most current package and ordering information, see the Package Option
Addendum at the end of this document, or see the TI web site at www.ti.com.
‡ Package
drawings,
thermal
data,
and
symbolization
are
available
at
www.ti.com/packaging.
DEVELOPMENT TOOL SUPPORT
All MSP430 microcontrollers include an Embedded Emulation Module (EEM) allowing advanced debugging
and programming through easy to use development tools. Recommended hardware options include the
following:
D Debugging and Programming Interface
−
MSP-FET430UIF (USB)
−
MSP-FET430PIF (Parallel Port)
D Debugging and Programming Interface with Target Board
−
MSP-FET430U100 (PZ package)
D Stand-Alone Target Board
−
MSP-TS430PZ100 (PZ package)
D Production Programmer
−
MSP-GANG430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com