Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F435IPZ Datasheet(PDF) 40 Page - Texas Instruments

Part # MSP430F435IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F435IPZ Datasheet(HTML) 40 Page - Texas Instruments

Back Button MSP430F435IPZ Datasheet HTML 36Page - Texas Instruments MSP430F435IPZ Datasheet HTML 37Page - Texas Instruments MSP430F435IPZ Datasheet HTML 38Page - Texas Instruments MSP430F435IPZ Datasheet HTML 39Page - Texas Instruments MSP430F435IPZ Datasheet HTML 40Page - Texas Instruments MSP430F435IPZ Datasheet HTML 41Page - Texas Instruments MSP430F435IPZ Datasheet HTML 42Page - Texas Instruments MSP430F435IPZ Datasheet HTML 43Page - Texas Instruments MSP430F435IPZ Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 89 page
background image
MSP430x43x1, MSP430x43x, MSP430x44x1, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344G − JANUARY 2002 − REVISED OCTOBER 2009
40
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
outputs − ports P1, P2, P3, P4, P5, P6
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
IOH(max) = −1.5 mA (See Note 1)
2.2 V
VCC−0.25
VCC
V
High level output voltage
IOH(max) = −6 mA (See Note 2)
2.2 V
VCC−0.6
VCC
V
VOH
High-level output voltage
IOH(max) = −1.5 mA (See Note 1)
3 V
VCC−0.25
VCC
V
IOH(max) = −6 mA (See Note 2)
3 V
VCC−0.6
VCC
IOL(max) = 1.5 mA (See Note 1)
2.2 V
VSS
VSS+0.25
V
Low level output voltage
IOL(max) = 6 mA (See Note 2)
2.2 V
VSS
VSS+0.6
V
VOL
Low-level output voltage
IOL(max) = 1.5 mA (See Note 1)
3 V
VSS
VSS+0.25
V
IOL(max) = 6 mA (See Note 2)
3 V
VSS
VSS+0.6
NOTES:
1. The maximum total current, IOH(max) and IOL(max), for all outputs combined, should not exceed ±12 mA to satisfy the maximum
specified voltage drop.
2. The maximum total current, IOH(max) and IOL(max), for all outputs combined, should not exceed ±48 mA to satisfy the maximum
specified voltage drop.
output frequency
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f
(1
≤ x ≤ 60 ≤ y ≤ 7)
CL = 20 pF,
VCC = 2.2 V
DC
5
MHz
f(Px.y)
(1
≤ x ≤ 6, 0 ≤ y ≤ 7)
CL = 20 pF,
IL = ±1.5 mA
VCC = 3 V
DC
7.5
MHz
f(ACLK)
P1.1/TA0/MCLK,
f(MCLK)
P1.1/TA0/MCLK,
P1.5/TACLK/ACLK
CL = 20 pF
f(System)
MHz
f(SMCLK)
P1.5/TACLK/ACLK
P1.4/TBCLK/SMCLK
CL
20 pF
f(System)
MHz
P1.5/TACLK/ACLK,
f(ACLK) = f(LFXT1) = f(XT1)
40%
60%
P1.5/TACLK/ACLK,
CL = 20 pF
f(ACLK) = f(LFXT1) = f(LF)
30%
70%
CL
20 pF
VCC = 2.2 V / 3 V
f(ACLK) = f(LFXT1)
50%
P1.1/TA0/MCLK,
f(MCLK) = f(XT1)
40%
60%
t(Xdc)
Duty cycle of output frequency
P1.1/TA0/MCLK,
CL = 20 pF,
VCC = 2.2 V / 3 V
f(MCLK) = f(DCOCLK)
50%−
15 ns
50%
50%+
15 ns
P1.4/TBCLK/SMCLK,
f(SMCLK) = f(XT2)
40%
60%
P1.4/TBCLK/SMCLK,
CL = 20 pF,
VCC = 2.2 V / 3 V
f(SMCLK) = f(DCOCLK)
50%−
15 ns
50%
50%+
15 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com