Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F435IPZ Datasheet(PDF) 11 Page - Texas Instruments

Part # MSP430F435IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F435IPZ Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430F435IPZ Datasheet HTML 7Page - Texas Instruments MSP430F435IPZ Datasheet HTML 8Page - Texas Instruments MSP430F435IPZ Datasheet HTML 9Page - Texas Instruments MSP430F435IPZ Datasheet HTML 10Page - Texas Instruments MSP430F435IPZ Datasheet HTML 11Page - Texas Instruments MSP430F435IPZ Datasheet HTML 12Page - Texas Instruments MSP430F435IPZ Datasheet HTML 13Page - Texas Instruments MSP430F435IPZ Datasheet HTML 14Page - Texas Instruments MSP430F435IPZ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
MSP430x43x1, MSP430x43x, MSP430x44x1, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344G − JANUARY 2002 − REVISED OCTOBER 2009
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x43x1 Terminal Functions
TERMINAL
PN
I/O
PZ
I/O
DESCRIPTION
NAME
NO.
I/O
NAME
NO.
I/O
DESCRIPTION
DVCC1
1
DVCC1
1
Digital supply voltage, positive terminal.
P6.3
2
I/O
P6.3
2
I/O
General-purpose digital I/O
P6.4
3
I/O
P6.4
3
I/O
General-purpose digital I/O
P6.5
4
I/O
P6.5
4
I/O
General-purpose digital I/O
P6.6
5
I/O
P6.6
5
I/O
General-purpose digital I/O
P6.7/SVSIN
6
I/O
P6.7/SVSIN
6
I/O
General-purpose digital I/O / input to brownout, supply voltage
supervisor
Reserved
7
Reserved
7
Reserved, do not connect externally
XIN
8
I
XIN
8
I
Input port for crystal oscillator XT1. Standard or watch crystals can be
connected.
XOUT
9
O
XOUT
9
O
Output terminal of crystal oscillator XT1
DVSS
10
I
DVSS
10
I
Connect to DVSS
DVSS
11
I
DVSS
11
I
Connect to DVSS
P5.1/S0
12
I/O
P5.1/S0
12
I/O
General-purpose digital I/O / LCD segment output 0
P5.0/S1
13
I/O
P5.0/S1
13
I/O
General-purpose digital I/O / LCD segment output 1
P4.7/S2
14
I/O
S2
14
O
General-purpose digital I/O / LCD segment output 2
P4.6/S3
15
I/O
S3
15
O
General-purpose digital I/O / LCD segment output 3
P4.5/S4
16
I/O
S4
16
O
General-purpose digital I/O / LCD segment output 4
P4.4/S5
17
I/O
S5
17
O
General-purpose digital I/O / LCD segment output 5
P4.3/S6
18
I/O
S6
18
O
General-purpose digital I/O / LCD segment output 6
P4.2/S7
19
I/O
S7
19
O
General-purpose digital I/O / LCD segment output 7
P4.1/S8
20
I/O
S8
20
O
General-purpose digital I/O / LCD segment output 8
P4.0/S9
21
I/O
S9
21
O
General-purpose digital I/O / LCD segment output 9
S10
22
O
S10
22
O
LCD segment output 10
S11
23
O
S11
23
O
LCD segment output 11
S12
24
O
S12
24
O
LCD segment output 12
S13
25
O
S13
25
O
LCD segment output 13
S14
26
O
S14
26
O
LCD segment output 14
S15
27
O
S15
27
O
LCD segment output 15
S16
28
O
S16
28
O
LCD segment output 16
S17
29
O
S17
29
O
LCD segment output 17
P2.7/S18
30
I/O
S18
30
O
General-purpose digital I/O / LCD segment output 18
P2.6/CAOUT/S19
31
I/O
S19
31
O
General-purpose digital I/O / Comparator_A output / LCD segment
output 19
S20
32
O
S20
32
O
LCD segment output 20
S21
33
O
S21
33
O
LCD segment output 21
S22
34
O
S22
34
O
LCD segment output 22
S23
35
O
S23
35
O
LCD segment output 23
P3.7/S24
36
I/O
S24
36
O
General-purpose digital I/O / LCD segment output 24
P3.6/S25
37
I/O
S25
37
O
General-purpose digital I/O / LCD segment output 25
P3.5/S26
38
I/O
S26
38
O
General-purpose digital I/O / LCD segment output 26
P3.4/S27
39
I/O
S27
39
O
General-purpose digital I/O / LCD segment output 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com