| Electronic Components Datasheet Search |
|
MUX507IPW Datasheet(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MUX507IPW Datasheet(HTML) 26 Page - Texas Instruments |
|
26 / 43 page ![]() Drain voltage (V) -15 -10 -5 0 5 10 15 -9 -6 -3 0 3 6 9 D008 VDD = 15 V, VSS = -15 V VDD = 10 V, VSS = -10 V VDD = 12 V, VSS = 0 V Source Voltage (V) -15 -10 -5 0 5 10 15 -2 -1 0 1 2 D011 VDD = 15 V, VSS = -15 V VDD = 10 V, VSS = -10 V VDD = 12 V, VSS = 0 V VDD = 5 V, VSS = -5 V 26 MUX506, MUX507 SBAS803A – NOVEMBER 2016 – REVISED NOVEMBER 2017 www.ti.com Product Folder Links: MUX506 MUX507 Submit Documentation Feedback Copyright © 2016–2017, Texas Instruments Incorporated Feature Description (continued) The MUX50x have special charge-injection cancellation circuitry that reduces the source-to-drain charge injection to as low as 0.31 pC at VS = 0 V, and ±0.9 pC in the full signal range, as shown in Figure 39. Figure 39. Source-to-Drain Charge Injection The drain-to-source charge injection becomes important when the device is used as a demultiplexer (demux), where D becomes the input and Sx becomes the output. Figure 40 shows the drain-to-source charge injection across the full signal range. Figure 40. Drain-to-Source Charge Injection |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |