| Electronic Components Datasheet Search |
|
MUX507IPW Datasheet(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MUX507IPW Datasheet(HTML) 27 Page - Texas Instruments |
|
27 / 43 page ![]() Source or Drain Voltage (V) -18 -14 -10 -6 -2 2 6 10 14 18 50 100 150 200 250 300 350 400 D001 VDD = 18 V, VSS = -18 V VDD = 16.5 V, VSS = -16.5 V VDD = 15 V, VSS = -15 V VDD = 13.5 V, VSS = -13.5 V VDD = 10 V, VSS = -10 V 27 MUX506, MUX507 www.ti.com SBAS803A – NOVEMBER 2016 – REVISED NOVEMBER 2017 Product Folder Links: MUX506 MUX507 Submit Documentation Feedback Copyright © 2016–2017, Texas Instruments Incorporated Feature Description (continued) 8.3.3 Bidirectional Operation The MUX50x are operable as both a mux and demux. The source (Sx, SxA, SxB) and drain (D, DA, DB) pins of the MUX50x are used either as input or output. Each MUX50x channel has very similar characteristics in both directions. 8.3.4 Rail-to-Rail Operation The valid analog signal for the MUX50x ranges from VSS to VDD. The input signal to the MUX50x swings from VSS to VDD without any significant degradation in performance. The on-resistance of the MUX50x varies with input signal, as shown in Figure 41 Figure 41. On-resistance vs Source or Drain Voltage 8.4 Device Functional Modes When the EN pin of the MUX50x is pulled high, one of the switches is closed based on the state of the address lines. When the EN pin is pulled low, all the switches are in an open state irrespective of the state of the address lines. The EN pin can be connected to VDD (as high as 36 V). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |