Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUX507IPW Datasheet(PDF) 5 Page - Texas Instruments

Part # MUX507IPW
Description  MUX50x 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX507IPW Datasheet(HTML) 5 Page - Texas Instruments

  MUX507IPW Datasheet HTML 1Page - Texas Instruments MUX507IPW Datasheet HTML 2Page - Texas Instruments MUX507IPW Datasheet HTML 3Page - Texas Instruments MUX507IPW Datasheet HTML 4Page - Texas Instruments MUX507IPW Datasheet HTML 5Page - Texas Instruments MUX507IPW Datasheet HTML 6Page - Texas Instruments MUX507IPW Datasheet HTML 7Page - Texas Instruments MUX507IPW Datasheet HTML 8Page - Texas Instruments MUX507IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5
MUX506, MUX507
www.ti.com
SBAS803A – NOVEMBER 2016 – REVISED NOVEMBER 2017
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Pin Functions: MUX507 (continued)
PIN
FUNCTION
DESCRIPTION
NAME
NO.
DB
2
Analog input or output Drain pin B. Can be an input or output.
EN
18
Digital input
Active high digital input. When this pin is low, all switches are turned off. When this pin is
high, the A[2:0] logic inputs determine which pair of switches is turned on.
GND
12
Power supply
Ground (0 V) reference
NC
3, 13, 14
No connect
Do not connect
S1A
19
Analog input or output Source pin 1A. Can be an input or output.
S2A
20
Analog input or output Source pin 2A. Can be an input or output.
S3A
21
Analog input or output Source pin 3A. Can be an input or output.
S4A
22
Analog input or output Source pin 4A. Can be an input or output.
S5A
23
Analog input or output Source pin 5A. Can be an input or output.
S6A
24
Analog input or output Source pin 6A. Can be an input or output.
S7A
25
Analog input or output Source pin 7A. Can be an input or output.
S8A
26
Analog input or output Source pin 8A. Can be an input or output.
S1B
11
Analog input or output Source pin 1B. Can be an input or output.
S2B
10
Analog input or output Source pin 2B. Can be an input or output.
S3B
9
Analog input or output Source pin 3B. Can be an input or output.
S4B
8
Analog input or output Source pin 4B. Can be an input or output.
S5B
7
Analog input or output Source pin 5B. Can be an input or output.
S6B
6
Analog input or output Source pin 6B. Can be an input or output.
S7B
5
Analog input or output Source pin 7B. Can be an input or output.
S8B
4
Analog input or output Source pin 8B. Can be an input or output.
VDD
1
Power supply
Positive power supply. This pin is the most positive power supply potential. For reliable
operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD
and GND.
VSS
27
Power supply
Negative power supply. This pin is the most negative power supply potential. In single-
supply applications, this pin can be connected to ground. For reliable operation, connect a
decoupling capacitor ranging from 0.1 µF to 10 µF between VSS and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com