Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2375IDDFR Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA2375IDDFR
Description  OPA375, OPA2375, OPA4375 500-μV (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2375IDDFR Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA2375IDDFR Datasheet HTML 18Page - Texas Instruments OPA2375IDDFR Datasheet HTML 19Page - Texas Instruments OPA2375IDDFR Datasheet HTML 20Page - Texas Instruments OPA2375IDDFR Datasheet HTML 21Page - Texas Instruments OPA2375IDDFR Datasheet HTML 22Page - Texas Instruments OPA2375IDDFR Datasheet HTML 23Page - Texas Instruments OPA2375IDDFR Datasheet HTML 24Page - Texas Instruments OPA2375IDDFR Datasheet HTML 25Page - Texas Instruments OPA2375IDDFR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
7.8 Typical Characteristics: OPA2375 (continued)
at TA = 25°C, VS = ±2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
Output Voltage (V)
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
-20
0
20
40
60
80
100
120
140
160
180
D019
Figure 7-57. Open-Loop Gain vs Output Voltage
Capacitive Load (pF)
10
20
30
40
50
60
70
80
90
100
30
35
40
45
50
55
D020
Figure 7-58. Phase Margin vs Capacitive Load
Time (10 µs/div)
-4
-3
-2
-1
0
1
2
3
4
D021
Input
Output
Figure 7-59. No Phase Reversal
Capacitive Load (pF)
0
20
40
60
80
100
0
10
20
30
40
50
60
D022
RISO = 0:, Overshoot (-)
RISO = 0:,Overshoot (+)
RISO = 50:, Overshoot (-)
RISO = 50:,Overshoot (+)
VCM = VS / 2, RL = 1 kΩ
Gain = –1, 100-mV output step
Figure 7-60. Small-Signal Overshoot vs Load Capacitance
Capacitive Load (pF)
0
25
50
75
100
125
0
10
20
30
40
50
60
70
D023
RISO = 0:, Overshoot (-)
RISO = 0:,Overshoot (+)
RISO = 50:, Overshoot (-)
RISO = 50:,Overshoot (+)
VCM = VS / 2, RL = 1 kΩ
Gain = +1, 100-mV output step
Figure 7-61. Small-Signal Overshoot vs Load Capacitance
Time (10 µs/div)
-5
-2.5
0
2.5
5
D024
Input
Output
VIN = 0.6 Vpp, G = –10, VIN × gain > VS
Figure 7-62. Overload Recovery
OPA375, OPA2375
SBOS886E – NOVEMBER 2017 – REVISED AUGUST 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA375 OPA2375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com