Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA837IDBVR2 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA837IDBVR2
Description  OPAx837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA837IDBVR2 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA837IDBVR2 Datasheet HTML 17Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 18Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 19Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 20Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 21Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 22Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 23Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 24Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Frequency (Hz)
-135
-130
-125
-120
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
10k
100k
1M
10M
100M
D061
Ch-A to Ch-B
Ch-B to Ch-A
21
OPA837, OPA2837
www.ti.com
SBOS673D – SEPTEMBER 2017 – REVISED DECEMBER 2018
Product Folder Links: OPA837 OPA2837
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics: ±2.5-V to ±1.5-V Split Supply (continued)
with PD = VCC and TA ≈ 25°C (unless otherwise noted)
Crosstalk for the OPA2837 only
Figure 61. Crosstalk vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com