Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA837IDBVR2 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA837IDBVR2
Description  OPAx837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA837IDBVR2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA837IDBVR2 Datasheet HTML 3Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 4Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 5Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 6Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 7Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 8Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 9Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 10Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
7
OPA837, OPA2837
www.ti.com
SBOS673D – SEPTEMBER 2017 – REVISED DECEMBER 2018
Product Folder Links: OPA837 OPA2837
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
Test levels (all values set by characterization and simulation): (A) 100% tested at 25°C, overtemperature limits by characterization and
simulation; (B) Not tested in production, limits set by characterization and simulation; (C) Typical value only for information.
(2)
This slew rate is the average of the rising and falling time estimated from the large-signal bandwidth as: (0.8 × VPEAK / √2) × 2π × f–3dB
where this f–3dB is the typical measured 2-VPP bandwidth at gains of 1 V/V.
(3)
Input offset voltage drift, input bias current drift, and input offset current drift are average values calculated by taking data at the end
points, computing the difference, and dividing by the temperature range. Typical drift specifications are ±1sigma. Maximum drift
specifications are set by min/max sample packaged test data using a wafer-level screened drift. Min/Max drift is not specified by final
automated test equipment (ATE) nor by QA sample testing.
(4)
Current is considered positive out of the pin.
6.6 Electrical Characteristics: VS = 5 V
at VS+ = 5 V, VS– = 0 V, RF = 0 Ω, RL = 2 kΩ, G = 1 V/V, input and output referenced to mid-supply, and TA ≈ 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
AC PERFORMANCE
SSBW
Small-signal bandwidth
VOUT = 20 mVPP, G = 1
90
105
MHz
C
VOUT = 20 mVPP, G = 2
45
C
VOUT = 20 mVPP, G = 10
5
C
GBP
Gain-bandwidth product
VOUT = 20 mVPP, G = 10
45
50
MHz
C
LSBW
Large-signal bandwidth
VOUT = 2 VPP, G = 2
26
MHz
C
Bandwidth for 0.1-dB flatness
VOUT = 200 mVPP, G = 2
6
MHz
C
SR
Slew rate
From LSBW(2)
105
V/µs
C
tR, tF
Rise, fall time
VOUT = 0.5-V step, G = 2, input tR = 10 ns
10
11
ns
C
Overshoot
VOUT = 2-V step, G = 2, input tR = 40 ns
7.0%
C
Settling time to 0.1%
VOUT = 2.0-V step, G = 1, input tR = 4 ns
25
ns
C
Settling time to 0.01%
VOUT = 2.0-V step, G = 1, input tR = 4 ns
40
ns
C
HD2
Second-order harmonic distortion
f = 100 kHz, VO = 2 VPP, G = 1 (see Figure 73)
–120
dBc
C
HD3
Third-order harmonic distortion
f = 100 kHz, VO = 2 VPP, G = 1 (see Figure 73)
–145
dBc
C
Input voltage noise
f = 500 Hz
4.7
nV/
√Hz
C
Voltage noise 1/f corner frequency See Figure 39
35
Hz
C
Input current noise
f = 20 kHz
0.4
pA/
√Hz
C
Current noise 1/f corner frequency
See Figure 39
5
kHz
C
Overdrive recovery time
G = 2, 2x output overdrive (see Figure 30)
75
ns
C
Closed-loop output impedance
f = 1 MHz, G = 1 (see Figure 38)
0.14
Ω
C
Channel-to-channel crosstalk
(OPA2837)
f = 10 kHz
-126
dBc
C
DC PERFORMANCE
AOL
Open-loop voltage gain
VO = ±2 V, RL = 2 kΩ
120
135
dB
A
Input-referred offset voltage
TA ≈ 25°C
–165
±30
165
µV
A
TA = 0°C to +70°C (DCK package)
–205
±30
235
B
TA = –40°C to +85°C (DCK package)
–269
±30
261
B
TA = –40°C to +125°C (DCK package)
–269
±30
325
B
Input offset voltage drift(3)
DCK package, TA = –40°C to +125°C
–1.6
±0.4
1.6
µV/°C
B
DBV, RUN package, TA = –40°C to +125°C
–2.0
±0.4
2.0
B
DGK package, TA = –40°C to +125°C
±0.67
B
Input bias current(4)
TA ≈ 25°C
150
340
520
nA
A
TA = 0°C to +70°C
50
340
664
B
TA = –40°C to +85°C
50
340
718
B
TA = –40°C to +125°C
50
340
850
B
Input bias current drift(3)
TA = –40°C to +125°C
0.8
1.5
3.3
nA/°C
B
Input offset current
TA ≈ 25°C (OPA837)
–40
±6
40
nA
A
TA = 0°C to +70°C
–46
±6
52
B
TA = –40°C to +85°C
–56
±6
55
B
TA = –40°C to +125°C
–56
±6
65
B
TA ≈ 25°C (OPA2837)
-60
±8
60
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com