Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA837IDBVR2 Datasheet(PDF) 29 Page - Texas Instruments

Part # OPA837IDBVR2
Description  OPAx837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA837IDBVR2 Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPA837IDBVR2 Datasheet HTML 25Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 26Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 27Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 28Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 29Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 30Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 31Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 32Page - Texas Instruments OPA837IDBVR2 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
OPA837
Signal and bias to
next stage
Signal and bias
from previous stage
C
5 V
2.5 V
R
1
R
2
5 V
R
O
V
OUT
R
G
R
F
V
SIG
GV
SIG
2.5 V
29
OPA837, OPA2837
www.ti.com
SBOS673D – SEPTEMBER 2017 – REVISED DECEMBER 2018
Product Folder Links: OPA837 OPA2837
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 73 shows a similar inverting single-supply scenario with the reference generator replaced by the Thevenin
equivalent using resistors and the positive supply. R1 and R2 form a resistor divider from the 5-V supply and are
used to bias the positive side. To cancel the voltage offset that is otherwise caused by the input bias currents,
set the parallel value of R1 and R2 equal to the parallel value of RF and RG. C must be added to limit coupling of
noise into the positive input. For example, if gain of –2 V/V is required and RF = 2 kΩ, select RG = 1 kΩ to set the
gain. R1 = R2 = 2 × 667 Ω = 1.33 kΩ for the mid-supply voltage bias and for op-amp input-bias current
cancellation. A good value for C is 0.1 µF. The resistor divider costs less than the 2.5-V reference in Figure 72
but increases the current from the 5-V supply. Any noise or variation in the 5-V supply also comes into the circuit
through this bias setup but be band-limited by the pole formed with R1 || R2 and C.
Figure 73. Inverting Single-Supply Operation With Resistor Midsupply Biasing
These examples are only a few of the ways to implement a single-supply design. Many other designs exist that
can often be simpler if AC-coupled inputs are allowed. A good compilation of options can be found in the Single-
Supply Op Amp Design Techniques application report.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com