Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA992SIDBVR Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA992SIDBVR
Description  OPAx992 40V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA992SIDBVR Datasheet(HTML) 2 Page - Texas Instruments

  OPA992SIDBVR Datasheet HTML 1Page - Texas Instruments OPA992SIDBVR Datasheet HTML 2Page - Texas Instruments OPA992SIDBVR Datasheet HTML 3Page - Texas Instruments OPA992SIDBVR Datasheet HTML 4Page - Texas Instruments OPA992SIDBVR Datasheet HTML 5Page - Texas Instruments OPA992SIDBVR Datasheet HTML 6Page - Texas Instruments OPA992SIDBVR Datasheet HTML 7Page - Texas Instruments OPA992SIDBVR Datasheet HTML 8Page - Texas Instruments OPA992SIDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 7
5.1 Absolute Maximum Ratings........................................ 7
5.2 ESD Ratings............................................................... 7
5.3 Recommended Operating Conditions.........................7
5.4 Thermal Information for Single Channel..................... 8
5.5 Thermal Information for Dual Channel........................8
5.6 Thermal Information for Quad Channel...................... 8
5.7 Electrical Characteristics.............................................9
5.8 Typical Characteristics.............................................. 11
6 Detailed Description......................................................19
6.1 Overview................................................................... 19
6.2 Functional Block Diagram......................................... 19
6.3 Feature Description...................................................20
6.4 Device Functional Modes..........................................28
7 Application and Implementation.................................. 29
7.1 Application Information............................................. 29
7.2 Typical Applications.................................................. 29
7.3 Power Supply Recommendations.............................31
7.4 Layout....................................................................... 31
8 Device and Documentation Support............................33
8.1 Device Support......................................................... 33
8.2 Documentation Support............................................ 33
8.3 Receiving Notification of Documentation Updates....33
8.4 Support Resources................................................... 33
8.5 Trademarks...............................................................33
8.6 Electrostatic Discharge Caution................................33
8.7 Glossary....................................................................34
9 Revision History............................................................ 34
10 Mechanical, Packaging, and Orderable
Information.................................................................... 35
OPA992, OPA2992, OPA4992
SBOSA10F – JUNE 2021 – REVISED MARCH 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA992 OPA2992 OPA4992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com