Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA992SIDBVR Datasheet(PDF) 39 Page - Texas Instruments

Part # OPA992SIDBVR
Description  OPAx992 40V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA992SIDBVR Datasheet(HTML) 39 Page - Texas Instruments

Back Button OPA992SIDBVR Datasheet HTML 35Page - Texas Instruments OPA992SIDBVR Datasheet HTML 36Page - Texas Instruments OPA992SIDBVR Datasheet HTML 37Page - Texas Instruments OPA992SIDBVR Datasheet HTML 38Page - Texas Instruments OPA992SIDBVR Datasheet HTML 39Page - Texas Instruments OPA992SIDBVR Datasheet HTML 40Page - Texas Instruments OPA992SIDBVR Datasheet HTML 41Page - Texas Instruments OPA992SIDBVR Datasheet HTML 42Page - Texas Instruments OPA992SIDBVR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
21-Aug-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
OPA2992IDDFR
SOT-23-THIN
DDF
8
3000
210.0
185.0
35.0
OPA2992IDGKR
VSSOP
DGK
8
2500
366.0
364.0
50.0
OPA2992IDR
SOIC
D
8
3000
353.0
353.0
32.0
OPA2992IDRG4
SOIC
D
8
3000
353.0
353.0
32.0
OPA2992IDSGR
WSON
DSG
8
3000
210.0
185.0
35.0
OPA2992IPWR
TSSOP
PW
8
3000
353.0
353.0
32.0
OPA2992SIRUGR
X2QFN
RUG
10
3000
210.0
185.0
35.0
OPA4992IDR
SOIC
D
14
3000
353.0
353.0
32.0
OPA4992IPWR
TSSOP
PW
14
3000
353.0
353.0
32.0
OPA992IDBVR
SOT-23
DBV
5
3000
210.0
185.0
35.0
OPA992SIDBVR
SOT-23
DBV
6
3000
210.0
185.0
35.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com