Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA992SIDBVR Datasheet(PDF) 29 Page - Texas Instruments

Part # OPA992SIDBVR
Description  OPAx992 40V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA992SIDBVR Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPA992SIDBVR Datasheet HTML 25Page - Texas Instruments OPA992SIDBVR Datasheet HTML 26Page - Texas Instruments OPA992SIDBVR Datasheet HTML 27Page - Texas Instruments OPA992SIDBVR Datasheet HTML 28Page - Texas Instruments OPA992SIDBVR Datasheet HTML 29Page - Texas Instruments OPA992SIDBVR Datasheet HTML 30Page - Texas Instruments OPA992SIDBVR Datasheet HTML 31Page - Texas Instruments OPA992SIDBVR Datasheet HTML 32Page - Texas Instruments OPA992SIDBVR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The OPAx992 family offers excellent DC precision and AC performance. These devices operate up to 40V
supply rails and offer true rail-to-rail input/output, low offset voltage and offset voltage drift, as well as 10.6MHz
bandwidth and high output drive. These features make the OPAx992 a robust, high-performance operational
amplifier for high-voltage industrial applications.
7.2 Typical Applications
7.2.1 Low-Side Current Measurement
Figure 7-1 shows the OPA992 configured in a low-side current sensing application. For a full analysis of the
circuit shown in Figure 7-1 including theory, calculations, simulations, and measured data, see TI Precision
Design TIPD129, 0-A to 1-A Single-Supply Low-Side Current-Sensing Solution.
V
CC
+
–
120
LOAD
I
LOAD
5.76 k
LM7705
5 V
V
OUT
R
SHUNT
R
F
R
G
OPA992
100 m
Figure 7-1. OPAx992 in a Low-Side, Current-Sensing Application
7.2.1.1 Design Requirements
The design requirements for this design are:
• Load current: 0A to 1A
• Max output voltage: 4.9V
• Maximum shunt voltage: 100mV
7.2.1.2 Detailed Design Procedure
The transfer function of the circuit in Figure 7-1 is given in Equation 1:
OUT
LOAD
SHUNT
V
I
R
Gain
u
u
(1)
www.ti.com
OPA992, OPA2992, OPA4992
SBOSA10F – JUNE 2021 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: OPA992 OPA2992 OPA4992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com