Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD Datasheet(PDF) 7 Page - Bourns Electronic Solutions

Part # SSD
Description  SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SSD Datasheet(HTML) 7 Page - Bourns Electronic Solutions

Back Button SSD Datasheet HTML 3Page - Bourns Electronic Solutions SSD Datasheet HTML 4Page - Bourns Electronic Solutions SSD Datasheet HTML 5Page - Bourns Electronic Solutions SSD Datasheet HTML 6Page - Bourns Electronic Solutions SSD Datasheet HTML 7Page - Bourns Electronic Solutions SSD Datasheet HTML 8Page - Bourns Electronic Solutions SSD Datasheet HTML 9Page - Bourns Electronic Solutions SSD Datasheet HTML 10Page - Bourns Electronic Solutions SSD Datasheet HTML 11Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
Optional SSD Connector Sets
Optional SSD Serial Connection Kit
SSD-CONN-SET
SSD-SERKIT
Standard Connector Set
Includes
Molex P/N
Description
1 pc.
1053071204
4-Pin Female
1 pc.
1053071202
2-Pin Female
6 pcs.
1053002200
20-22 AWG Female Crimp Terminals
1 pc.
1053251004
4-Pin TPA
1 pc.
1053251002
2-Pin TPA
Serial Connection Kit
Includes
Description
1 pc.
SSD to DB-9F Serial Adapter
1 pc.
5 VDC USB Power Cable
1 pc.
4-Pin Programming Cable (1 m Length)
The SSD serial connection kit simplifies the initial setup of the
SSD Series Digital Current Sensor. It includes the necessary
components to connect USB to CAN and USB to RS-485 serial
adapters that have a 9-pin DB-9 male output connector. It
includes jumpers to switch from RS-485 to CANbus and enable
a termination resistor. USB to serial adapter not included.
USB to RS-485 Adapter - From DTEK, StarTech and others with
RS-485 on DB9 pins 1 and 2 and the ground on pin 5. Note:
Some adapters have the 485A and 485B pins reversed.
USB to CANbus adapter - From PEAK, Kvaser and others with
CAN on DB9 pins 2 and 7 and the ground on pin 3.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com