Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD Datasheet(PDF) 12 Page - Bourns Electronic Solutions

Part # SSD
Description  SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SSD Datasheet(HTML) 12 Page - Bourns Electronic Solutions

Back Button SSD Datasheet HTML 8Page - Bourns Electronic Solutions SSD Datasheet HTML 9Page - Bourns Electronic Solutions SSD Datasheet HTML 10Page - Bourns Electronic Solutions SSD Datasheet HTML 11Page - Bourns Electronic Solutions SSD Datasheet HTML 12Page - Bourns Electronic Solutions SSD Datasheet HTML 13Page - Bourns Electronic Solutions SSD Datasheet HTML 14Page - Bourns Electronic Solutions SSD Datasheet HTML 15Page - Bourns Electronic Solutions SSD Datasheet HTML 16Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
SSD Interface Manual (continued)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
GA GET CURRENT
Used to get the last current reading in milliamps
Send: :1GA<cr>
Receive: A*****_<cr>
GT GET TEMPERATURE
Used to get the last temperature reading in 0.1 °C
Send: :1GT<cr>
Receive: T***_<cr>
GV GET BUS VOLTAGE
Used to get the last temperature reading in millivolts
Send: :1GV<cr>
Receive: V***_<cr>
GC / SC GET / SET COULOMBS
Used to get the last coulomb count in Coulombs. Note: The
coulomb reading can overflow! It is up to the user to check if
very large values (> ±260) are expected. See G! command to
read overflow bit.
Example: To set Coulombs to 500,000
WRITE
Send: :1SC500000<cr>
Receive: (none)
READ
Send: :1GC<cr>
Receive: C******_<cr>
GP GET POWER
Used to get the last power reading in 0.1 Watts
Send: :1GP<cr>
Receive: P******_<cr>
GE GET ENERGY
Used to get the last energy count in Watt-hours (Wh). Note:
The energy reading can overflow! It is up to the user to check if
very large values (> 260) are expected. See G! command to read
overflow bit.
Send: :1GE<cr>
Receive: E******_<cr>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com