Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD Datasheet(PDF) 21 Page - Bourns Electronic Solutions

Part # SSD
Description  SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SSD Datasheet(HTML) 21 Page - Bourns Electronic Solutions

Back Button SSD Datasheet HTML 16Page - Bourns Electronic Solutions SSD Datasheet HTML 17Page - Bourns Electronic Solutions SSD Datasheet HTML 18Page - Bourns Electronic Solutions SSD Datasheet HTML 19Page - Bourns Electronic Solutions SSD Datasheet HTML 20Page - Bourns Electronic Solutions SSD Datasheet HTML 21Page - Bourns Electronic Solutions SSD Datasheet HTML 22Page - Bourns Electronic Solutions SSD Datasheet HTML 23Page - Bourns Electronic Solutions SSD Datasheet HTML 24Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
SSD Interface Manual (continued)
GK / SK GET / SET VBUS FACTOR
Used to adjust the Bus Voltage reading from the factory calibration. This is typically not necessary and the correct equipment is
essential to properly set it. See reset command to set the value back to factory default. Voltage is calibrated at 25 °C. Power and
Energy values are scaled appropriately.
Value is an unsigned Int16. Value is divided by 10000 in firmware to create the factor.
Example: To set VBUS FACTOR to 10023
WRITE
READ
Send:
:1SK10023cr>
Send:
:1GK<cr>
Receive: (none)
Receive: 10023<cr>
GJ / SJ GET / SET VBUS ZERO OFFSET
Used to override the bus voltage zero offset. Value can be reset back to factory defaults.
Value is a signed Int16 in mV.
Example: To set VBUS OFFSET to -6 mV
WRITE
READ
Send:
:1SJ-6cr>
Send:
:1GJ<cr>
Receive: (none)
Receive: -6<cr>
GO / SO GET / SET TEMPERATURE OFFSET
Used to adjust the Temperature reading from the factory calibration. This is typically not necessary. See reset command to set the
value back to factory default.
Value is an Signed Int16 in 0.1 °C
Example: To set TEMP OFFSET to -2.2 °C send -22
WRITE
READ
Send:
:1SO-22<cr>
Send:
:1GO<cr>
Receive: (none)
Receive: -22<cr>
NOTE: No settings are saved until a save settings to EEPROM command is issued!
Power cycling will restore previous settings. See RESET command :1RS0F<cr>
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com