Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETC5054 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ETC5054
Description  SERIAL INTERFACE CODEC/FILTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETC5054 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ETC5054 Datasheet HTML 6Page - STMicroelectronics ETC5054 Datasheet HTML 7Page - STMicroelectronics ETC5054 Datasheet HTML 8Page - STMicroelectronics ETC5054 Datasheet HTML 9Page - STMicroelectronics ETC5054 Datasheet HTML 10Page - STMicroelectronics ETC5054 Datasheet HTML 11Page - STMicroelectronics ETC5054 Datasheet HTML 12Page - STMicroelectronics ETC5054 Datasheet HTML 13Page - STMicroelectronics ETC5054 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TRANSMISSION CHARACTERISTICS
TA = 0 to 70
°C, VCC = +5V ±5%, VBB = –5V ±5%, GNDA = 0V, f = 1.0KHz, VIN = 0dBm0 transmit input
amplifier connected for unity-gain non-inverting (unless otherwise specified).
AMPLITUDE RESPONSE
Symbol
Parameter
Min.
Typ.
Max.
Unit
Absolute levels - nominal 0 dBm0 level is 4 dBm (600
Ω)
0 dBm0
1.2276
Vrms
tMAX
Max Overload Level
3.14 dBm0 (A LAW)
3.17 dBm0 (U LAW)
2.492
2.501
VPK
VPK
GXA
Transmit Gain, Absolute (TA = 25
°C, VCC = 5 V, VBB = –5V)
Input at GSX = 0 dBm0 at 1020 Hz
– 0.15
0.15
dB
GXR
Transmit Gain, Relative to GXA
f = 16 Hz
f = 50 Hz
f = 60 Hz
f = 180 Hz
f = 200 Hz
f = 300 Hz - 3000 Hz
f = 3300 Hz
f = 3400 Hz
f = 4000 Hz
f = 4600 Hz and up, Measure Response from 0 Hz to 4000 Hz
– 2.8
– 1.8
– 0.15
– 0.35
– 0.7
–40
–30
–26
– 0.2
– 0.1
0.15
0.05
0
–14
–32
dB
GXAT
Absolute Transmit Gain Variation with Temperature
TA = 0 to +70
°C
– 0.1
0.1
dB
GXAV
Absolute Transmit Gain Variation with Supply Voltage
(VCC =5 V
± 5%, VBB = –5V ± 5 %)
– 0.05
0.05
dB
GXRL
Transmit Gain Variations with Level
Sinusoidal Test Method Reference Level = – 10 dBm0
VFXI+ = – 40 dBm0 to + 3 dBm0
VFXI+ = – 50 dBm0 to – 40 dBm0
VFXI+ = – 55 dBm0 to – 50 dBm0
– 0.2
– 0.4
– 1.2
0.2
0.4
1.2
dB
dB
dB
GRA
Receive Gain, Absolute (TA =25
°C, VCC = 5V, VBB = –5V)
Input = Digital Code Sequence for 0dBm0 Signal at 1020Hz
– 0.15
0.15
dB
GRR
Receive Gain, Relative to GRA
f = 0Hz to 3000Hz
f = 3300Hz
f = 3400Hz
f = 4000Hz
– 0.35
– 0.35
– 0.7
0.20
0.05
0
–14
dB
dB
dB
dB
GRAT
Absolute Transmit Gain Variation with Temperature
TA = 0 to +70
°C
– 0.1
0.1
dB
GRAV
Absolute Receive Gain Variation with Supply Voltage
(VCC =5 V
± 5%, VBB = –5V ± 5 %)
– 0.05
0.05
dB
GRRL
Receive Gain Variations with Level
Sinusoidal Test Method; Reference input PCM code
corresponds to an ideally encoded – 10 dBm0 signal
PCM level = – 40 dBm0 to + 3 dBm0
PCM level = – 50 dBm0 to – 40 dBm0
PCM level = – 55 dBm0 to – 50 dBm0
– 0.2
– 0.4
– 1.2
0.2
0.4
1.2
dB
dB
dB
VRO
Receive Output Drive Level (RL = 600
Ω)
– 2.5
2.5
V
ETC5054 - ETC5057
10/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com