Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETC5054 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ETC5054
Description  SERIAL INTERFACE CODEC/FILTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETC5054 Datasheet(HTML) 5 Page - STMicroelectronics

  ETC5054 Datasheet HTML 1Page - STMicroelectronics ETC5054 Datasheet HTML 2Page - STMicroelectronics ETC5054 Datasheet HTML 3Page - STMicroelectronics ETC5054 Datasheet HTML 4Page - STMicroelectronics ETC5054 Datasheet HTML 5Page - STMicroelectronics ETC5054 Datasheet HTML 6Page - STMicroelectronics ETC5054 Datasheet HTML 7Page - STMicroelectronics ETC5054 Datasheet HTML 8Page - STMicroelectronics ETC5054 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
edges clock out the remaining seven bits. The DX
output is disabled by the falling BCLKX edge fol-
lowing the eighth rising edge, or by FSX going
low, which-ever comes later. A rising edge on the
receive frame sync pulse, FSR, will cause the
PCM data at DR to be latched in on the next eight
falling edges of BCLKR (BCLKX in synchronous
mode). Both devices may utilize the long frame
sync pulse in synchronous or asynchronous
mode.
TRANSMIT SECTION
The transmit section input is an operational ampli-
fier with provision for gain adjustment using two
external resistors, see figure 6. The low noise and
wide bandwidth allow gains in excess of 20 dB
across the audio passband to be realized. The op
amp drives a unitygain filter consisting of RD ac-
tive pre-filter,
followed by an
eighth order
switched-capacitor bandpass filter clocked at 256
kHz. The output of this filter directly drives the en-
coder sample-and-hold circuit. The A/D is of com-
panding type according to A-law (ETC5057) or
µ–
law (ETC5054) coding conventions. A precision
voltage reference is trimmed in manufacturing to
provide an input overload (tMAX) of nominally 2.5V
peak (see table of transmission characteristics).
The FSX frame sync pulse controls the sampling
of the filter output, and then the successive-ap-
proximation encoding cycle begins. The 8-bit
code is then loaded into a buffer and shifted out
through DX at the next FSX pulse. The total en-
coding delay will be approximately 165
µs (due to
the transmit filter) plus 125
µs (due to encoding
delay), which totals 290
µs. Any offset vol-tage
due to the filters or comparator is cancelled by
sign bit integration.
RECEIVE SECTION
The receive section consists of an expanding
DAC which drives a fifth order switched-capacitor
low pass filter clocked at 256 kHz. The decoder is
A-law (ETC5057) or
µ–law (ETC5054) and the
5th order low pass filter corrects for the sin x/x at-
tenuation due to the 8 kHz sample and hold.
The filter is then followed by a 2nd order RC ac-
tive post-filter and power amplifier capable of driv-
ing a 600
Ω load to a level of 7.2 dBm. The re-
ceive section is unity-gain. Upon the occurence of
FSR, the data at the DR input is clocked in on the
falling edge of the next eight BCLKR (BCLKX)pe-
riods. At the end of the decoder time slot, the de-
coding cycle begins, and 10
µs later the decoder
DAC output is updated. The total decoder delay
is
∼ 10µs (decoder update) plus 110µs (filter
delay) plus 62.5
µs (1/2 frame), which gives ap-
proximately 180
µs. A mute circuitry is a active
during 10ms when power up.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
VCC to GNDA
7
V
VBB
VBB to GNDA
– 7
V
VIN,VOUT
Voltage at any Analog Input or Output
VCC + 0.3 to VBB – 0.3
V
Voltage at Any Digital Input or Output
VCC + 0.3 to GNDA – 0.3
V
Toper
Operating Temperature Range
– 25 to + 125
°C
Tstg
Storage Temperature Range
– 65 to + 150
°C
Lead Temperature (soldering, 10 seconds)
300
°C
ELECTRICAL OPERATING CHARACTERISTICS VCC = 5.0 V
± 5%, VBB = – 5.0 V ± 5%GNDA = 0 V,
TA =0
°Cto70 °C; Typical Characteristics Specified at VCC = 5.0 V, VBB = – 5.0 V, TA =25 °C ; all signals
are referenced to GNDA.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIL
Input Low Voltage
0.6
V
VIH
Input High Voltage
2.2
V
VOL
Output Low Voltage
IL = 3.2mA
D X
IL = 3.2mA, Open Drain
TSX
0.4
0.4
V
V
VOH
Output High Voltage
IH = 3.2mA
D X
2.4
V
IIL
Input Low Current (GNDA
≤ VIN ≤ VIL, all digital inputs)
–10
10
µA
IIH
Input High Current (VIH
≤ VIN ≤ VCC) except BCLKR/BCLKSEL
–10
10
µA
IOZ
Output Current in HIGH Impedance State (TRI-STATE)
(GNDA
≤ VO ≤ VCC)D X
–10
10
µA
ETC5054 - ETC5057
5/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com