Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99MC6-LF Datasheet(PDF) 51 Page - STMicroelectronics

Part # L99MC6-LF
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6-LF Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L99MC6-LF Datasheet HTML 47Page - STMicroelectronics L99MC6-LF Datasheet HTML 48Page - STMicroelectronics L99MC6-LF Datasheet HTML 49Page - STMicroelectronics L99MC6-LF Datasheet HTML 50Page - STMicroelectronics L99MC6-LF Datasheet HTML 51Page - STMicroelectronics L99MC6-LF Datasheet HTML 52Page - STMicroelectronics L99MC6-LF Datasheet HTML 53Page - STMicroelectronics L99MC6-LF Datasheet HTML 54Page - STMicroelectronics L99MC6-LF Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
L99MC6
Package and packing information
Doc ID 16523 Rev 2
51/32
Table 49.
PowerSSO-16 mechanical data(1)
1.
Drawings dimensions include single and matrix versions.
Symbol
Millimeters
Min.
Typ.
Max.
A1.25
-
1.72
A1
0.00
-
0.10
A2
1.10
-
1.62
B0.18
-
0.36
C0.19
-
0.25
D(2)
2.
Dimensions D does not include mold flash protrusions or gate burrs.
Mold flash protrusions or gate burrs shall not exceed 0.15 mm in total (both side).
4.80
-
5.00
E3.80
-
4.00
e-
0.50
-
H5.80
-
6.20
h0.25
-
0.50
L0.40
-
1.27
k0d
-
8d
X1.90
-
2.50
Y3.60
-
4.20
ddd
-
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com