Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99MC6-LF Datasheet(PDF) 12 Page - STMicroelectronics

Part # L99MC6-LF
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6-LF Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L99MC6-LF Datasheet HTML 8Page - STMicroelectronics L99MC6-LF Datasheet HTML 9Page - STMicroelectronics L99MC6-LF Datasheet HTML 10Page - STMicroelectronics L99MC6-LF Datasheet HTML 11Page - STMicroelectronics L99MC6-LF Datasheet HTML 12Page - STMicroelectronics L99MC6-LF Datasheet HTML 13Page - STMicroelectronics L99MC6-LF Datasheet HTML 14Page - STMicroelectronics L99MC6-LF Datasheet HTML 15Page - STMicroelectronics L99MC6-LF Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
Description
L99MC6
12/32
Doc ID 16523 Rev 2
2
Description
2.1
Dual power supply: VS and VCC
The supply voltage VCC (3.3 V/5 V) supplies the whole device. In case of power-on (VCC
increases from undervoltage to VPOR OFF = 2.7 V, typical) the circuit is initialized by an
internally generated power-on reset (POR). If the voltage VCC decreases under the
minimum threshold (VPOR ON = 2.4 V, typical), the outputs are switched-off (high-
impedance) and the status registers are cleared (see Figure 4).
Figure 4.
Power-on reset
2.1.1
Channels
The channels 1 to 3 are self configuring high-side or low-side n-channel mosfets. This
flexibility allows the user to connect loads in high-side or low-side configuration in any
combination.
In order to provide low Rdson values for high-side configured switches (channels 1 to 3), a
charge pump (CP) to drive the internal gate voltage(s) is implemented. If the charge pump is
activated (ENCP1 = 1, DISCP2 = 0, see Section 9.3: Control and status registers), the
internal charge-pump uses VS from the drain of channel 1, as its power source. Otherwise
VCC is used to drive all channels.
The channels 4 to 6 are n-channel low-side drivers. The source of the respective mosfet are
internally connected to the device GND.
Caution:
For any high-side configuration, channel 1 must be used as a high-side switch.
If channel 1 is configured as low-side, the charge pump has to be deactivated to avoid
charge pump current from the drain.
Caution:
The charge pump may not be deactivated (see Section 9.3: Control and status registers) if
one of the channels is in high-side configuration, while a short-circuit from the source to the
battery is present. If these conditions occur, the voltage of the shorted source is applied to
the VCC pin.
VPOR hyst.
IC is disabled
All Status Registers are cleared
VPOR OFF
VPOR ON
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com