Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99MC6-LF Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99MC6-LF
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6-LF Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99MC6-LF Datasheet HTML 11Page - STMicroelectronics L99MC6-LF Datasheet HTML 12Page - STMicroelectronics L99MC6-LF Datasheet HTML 13Page - STMicroelectronics L99MC6-LF Datasheet HTML 14Page - STMicroelectronics L99MC6-LF Datasheet HTML 15Page - STMicroelectronics L99MC6-LF Datasheet HTML 16Page - STMicroelectronics L99MC6-LF Datasheet HTML 17Page - STMicroelectronics L99MC6-LF Datasheet HTML 18Page - STMicroelectronics L99MC6-LF Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
L99MC6
Description
Doc ID 16523 Rev 2
15/32
The following combination must be used: channel 1 + 4, channel 2 + 5, channel 3 + 6
(Figure 6).
A VS voltage exceeding the low-side clamping voltage (VDRN_CL1-6) , while the high one of
the high-side drivers is turned on, may cause a destruction of the device.
Caution:
In bridge mode using channels 2 and 5, the IN/PWM pin has to be grounded. Therefore
PWM mode on other channels is not possible.
Figure 6.
Example of bridge configuration
2.6
LED mode
Open-load detection in off-state can be deactivated to avoid the turn on of the LEDs by the
current source (150 µA typ.) when the channel is switched-off.
Moreover, it is possible to select a high slew rate to support PWM operations with small duty
cycle (see Section 9.3.1: Channel configuration decoding).
Control
VDD 5V
SPI
=1
Out1
Out2
Out3
Out4
Out5
Out6
GND
IN/PWM
V
S 12V
M
GND
SCK
CSN
DO
DI
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com