Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T00AUD Datasheet(PDF) 8 Page - STMicroelectronics

Part # M41T00AUD
Description  Serial real-time clock (RTC) with audio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00AUD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M41T00AUD Datasheet HTML 4Page - STMicroelectronics M41T00AUD Datasheet HTML 5Page - STMicroelectronics M41T00AUD Datasheet HTML 6Page - STMicroelectronics M41T00AUD Datasheet HTML 7Page - STMicroelectronics M41T00AUD Datasheet HTML 8Page - STMicroelectronics M41T00AUD Datasheet HTML 9Page - STMicroelectronics M41T00AUD Datasheet HTML 10Page - STMicroelectronics M41T00AUD Datasheet HTML 11Page - STMicroelectronics M41T00AUD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Application
M41T00AUD
8/42
Doc ID 13480 Rev 5
3
Application
Figure 3.
Application diagram
AU TOMATIC
BATTERY
SWITCHOVER
& DESELEC T
VCC
2
I2C
VCC
32KHz
OSCILL ATOR
400kHz I2C
INTER FACE
OSCI
OSCO
uC
REFERENCE
VPFD=2.80V
IRQ/FT/OUT
TRICKLE
CHARGE
VINT
VBACK
VCC
256/512Hz
AUDIO
BPF
ADJ
GAIN
AIN
AOUT+
AOUT–
VSS
VBIAS
WRITE
FBK
Audio-in
M41T00AUD
ai13324
SECS
MINS
HOURS
DATE
DAY
MONTH
YEAR
CENTURY BIT
CALIBRATION
OUT
OSCILLATOR
FAIL DETECT
I2C
(SDA,
SCL)
PROTECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com