Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T00AUD Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T00AUD
Description  Serial real-time clock (RTC) with audio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00AUD Datasheet(HTML) 1 Page - STMicroelectronics

  M41T00AUD Datasheet HTML 1Page - STMicroelectronics M41T00AUD Datasheet HTML 2Page - STMicroelectronics M41T00AUD Datasheet HTML 3Page - STMicroelectronics M41T00AUD Datasheet HTML 4Page - STMicroelectronics M41T00AUD Datasheet HTML 5Page - STMicroelectronics M41T00AUD Datasheet HTML 6Page - STMicroelectronics M41T00AUD Datasheet HTML 7Page - STMicroelectronics M41T00AUD Datasheet HTML 8Page - STMicroelectronics M41T00AUD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
February 2012
Doc ID 13480 Rev 5
1/42
1
M41T00AUD
Serial real-time clock (RTC) with audio
Features
Combination real-time clock with audio
■ Serial real-time clock (RTC) based on M41T00
■ Audio section provides:
– 300 mW differential audio amplifier
– 256 and 512 Hz tone generation
– –33 to +12 dB gain, 3 dB steps (16 steps
plus MUTE)
■ 0 °C to 70 °C operation
■ Small DFN16 package (5 mm x 4 mm)
Real-time clock details
■ Superset of M41T00
■ 3.0 to 3.6 V operation
– Timekeeping down to 1.7 V
■ Automatic backup switchover circuit
– Ultra-low 400 nA backup current at 3.0 V
(typ)
– Suitable for battery or capacitor backup
– On-chip trickle charge circuit for backup
capacitor
■ 400 kHz I2C bus
■ M41T00 compatible register set with counters
for seconds, minutes, hours, day, date, month,
years, and century
– Automatic leap year compensation
– HT bit set when clock goes into backup
mode
■ RTC operates using 32,768 Hz quartz crystal
– Calibration register provides for
adjustments of –63 to +126 ppm
– Oscillator supports crystals with up to 40
k
Ω series resistance, 12.5 pF load
capacitance
■ Oscillator fail detect circuit OF bit indicates
when oscillator has stopped for four or more
cycles
Audio section
■ Power amplifier
– Differential output amplifier
– Provides 300 mW into 8
Ω
(THD+N = 2% (max), fin = 1 kHz)
■ Summing node at audio input
– Inverting configuration with summing
resistors into the minus (-) terminal
– 0 dB gain with 10 k
Ω feedback resistor and
20 k
Ω input summing resistors
– Signal input centered at VDD/2
– 1.6 VP-P analog input range (max)
■ 256 or 512 Hz signal multiplexing with analog
input to provide audio with beep tones
■ Volume control, 4-bit register
– Allows gain adjustment from –33 dB to
+12 dB
– 3 dB steps
–MUTE bit
■ Audio automatically shuts off in backup mode
DFN16 (5 mm x 4 mm)
www.st.com


Similar Part No. - M41T00AUD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T00AUD STMICROELECTRONICS-M41T00AUD Datasheet
332Kb / 44P
Serial real-time clock with audio
13-Dec-2007
M41T00AUDD1E STMICROELECTRONICS-M41T00AUDD1E Datasheet
332Kb / 44P
Serial real-time clock with audio
13-Dec-2007
M41T00AUDD1F STMICROELECTRONICS-M41T00AUDD1F Datasheet
332Kb / 44P
Serial real-time clock with audio
13-Dec-2007
M41T00AUD STMICROELECTRONICS-M41T00AUD_12 Datasheet
381Kb / 42P
Serial real-time clock (RTC) with audio
06-Feb-2012
More results

Similar Description - M41T00AUD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
Real Time Clock (RTC)
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
Real-Time Clock RTC
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
Real-Time Clock RTC
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305 Datasheet
257Kb / 22P
Serial Alarm Real Time Clock RTC
DS1306 DALLAS-DS1306 Datasheet
277Kb / 20P
Serial Alarm Real Time Clock RTC
logo
STMicroelectronics
M41T00AUD STMICROELECTRONICS-M41T00AUD Datasheet
332Kb / 44P
Serial real-time clock with audio
13-Dec-2007
M41T00AUD STMICROELECTRONICS-M41T00AUD_12 Datasheet
381Kb / 42P
Serial real-time clock (RTC) with audio
06-Feb-2012
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
Serial access real-time clock (RTC) with alarms
16-May-2012
logo
Texas Instruments
BQ3285 TI1-BQ3285_15 Datasheet
614Kb / 26P
Real-Time Clock (RTC)
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com