Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T00AUD Datasheet(PDF) 28 Page - STMicroelectronics

Part # M41T00AUD
Description  Serial real-time clock (RTC) with audio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00AUD Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M41T00AUD Datasheet HTML 24Page - STMicroelectronics M41T00AUD Datasheet HTML 25Page - STMicroelectronics M41T00AUD Datasheet HTML 26Page - STMicroelectronics M41T00AUD Datasheet HTML 27Page - STMicroelectronics M41T00AUD Datasheet HTML 28Page - STMicroelectronics M41T00AUD Datasheet HTML 29Page - STMicroelectronics M41T00AUD Datasheet HTML 30Page - STMicroelectronics M41T00AUD Datasheet HTML 31Page - STMicroelectronics M41T00AUD Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Audio section operation
M41T00AUD
28/42
Doc ID 13480 Rev 5
7
Audio section operation
The audio section is comprised of five main parts. The input includes a summing amplifier.
A minimum 10 k
Ω feedback resistor is required. With that and 20 kΩ input resistors, the
input signals will be summed at unity gain.
An audio switch follows the amplifier. A tone, selectable between 256 and 512 Hz, can be
inserted into the audio stream in lieu of the input amplifier's output.
A low pass filter is next with a cut off of 8 kHz. To get a band pass with a 100 Hz low end,
the user should place an appropriate coupling capacitor at the input pin.
Figure 16. Audio section diagram
BPF
100 Hz - 8 kHz
256 Hz
512 Hz
256/512
SELECT
TONE
ON/OFF
From internal
RTC timing chain
register bits
Sum multiple audio
signals through external
resistors, but single input
Switch 256/512 signal
in place of audio signal
GAIN, 3 dB steps,
–33 dB to +12 dB
(4-bit register)
300 mW
VDD
VDD
2
VDD
2
VBIAS
AOUT+
AOUT–
AIN
Low end of band pass filter is actually
implemented by blocking capacitor at
input pin. Only the high end (low-pass
section) is implemented at this point in the
audio section.
FBK
R1x
R2 should
be a minimum
Set R1’s to 2x R2 for unity gain
1 µF
ai13328
SIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42