Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL1705 Datasheet(PDF) 2 Page - Texas Instruments

Part # PLL1705
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PLL1705 Datasheet(HTML) 2 Page - Texas Instruments

  PLL1705 Datasheet HTML 1Page - Texas Instruments PLL1705 Datasheet HTML 2Page - Texas Instruments PLL1705 Datasheet HTML 3Page - Texas Instruments PLL1705 Datasheet HTML 4Page - Texas Instruments PLL1705 Datasheet HTML 5Page - Texas Instruments PLL1705 Datasheet HTML 6Page - Texas Instruments PLL1705 Datasheet HTML 7Page - Texas Instruments PLL1705 Datasheet HTML 8Page - Texas Instruments PLL1705 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PLL1705
PLL1706
SLES046A − AUGUST 2002 − REVISED SEPTEMBER 2002
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE CODE
OPERATION
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA
PLL1705DBQ
SSOP 20
20DBQ
−25
°C to 85°C
PLL1705
PLL1705DBQ
Tube
PLL1705DBQ
SSOP 20
20DBQ
−25
°C to 85°C
PLL1705
PLL1705DBQR
Tape and reel
PLL1706DBQ
SSOP 20
20DBQ
−25
°C to 85°C
PLL1706
PLL1706DBQ
Tube
PLL1706DBQ
SSOP 20
20DBQ
−25
°C to 85°C
PLL1706
PLL1706DBQR
Tape and reel
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
PLL1705 AND PLL1706
Supply voltage: VCC, VDD1–3
4 V
Supply voltage differences: VCC, VDD1–3
±0.1 V
Ground voltage differences: AGND, DGND1–3
±0.1 V
Digital input voltage: FS1 (MD), FS2 (MC), SR (ML), CSEL
– 0.3 V to (VDD + 0.3) V
Analog input voltage, XT1, XT2
– 0.3 V to (VCC + 0.3) V
Input current (any pins except supplies)
±10 mA
Ambient temperature under bias
–40
°C to 125°C
Storage temperature
–55
°C to 150°C
Junction temperature
150
°C
Lead temperature (soldering)
260
°C, 5 s
Package temperature (IR reflow, peak)
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com