Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL1705 Datasheet(PDF) 12 Page - Texas Instruments

Part # PLL1705
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PLL1705 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PLL1705 Datasheet HTML 8Page - Texas Instruments PLL1705 Datasheet HTML 9Page - Texas Instruments PLL1705 Datasheet HTML 10Page - Texas Instruments PLL1705 Datasheet HTML 11Page - Texas Instruments PLL1705 Datasheet HTML 12Page - Texas Instruments PLL1705 Datasheet HTML 13Page - Texas Instruments PLL1705 Datasheet HTML 14Page - Texas Instruments PLL1705 Datasheet HTML 15Page - Texas Instruments PLL1705 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
PLL1705
PLL1706
SLES046A − AUGUST 2002 − REVISED SEPTEMBER 2002
www.ti.com
12
Program-Register Bit Mapping
The built-in functions of the PLL1706 are controlled through a 16-bit program register. This register is loaded using MD,
MC and ML. After the 16 data bits are clocked in using the rising edge of MC, ML is used to latch the data into the register.
Table 6 shows the bit mapping of the register. The serial mode control format and control data input timing are shown in
Figure 12 and Figure 13, respectively.
ML
MC
MD
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Figure 12. Serial Mode Control Format
t(MLL)
VDD/2
MC
MD
MSB
ML
t(MHH)
VDD/2
VDD/2
t(MLS)
t(MLH)
t(MCL)
t(MCH)
LSB
t(MDH)
t(MCY)
t(MDS)
t(MLS)
DESCRIPTION
SYMBOL
MIN
TYP
MAX
UNIT
MC pulse cycle time
tMCY
100
ns
MC pulse duration LOW
tMCL
40
ns
MC pulse duration HIGH
tMCH
40
ns
MD hold time
tMDH
40
ns
MD setup time
tMDS
40
ns
ML low-level time
tMLL
16
MC clocks(1)
ML high-level time
tMHH
200
ns
ML hold time(2)
tMLH
40
ns
ML setup time(3)
tMLS
40
ns
(1) MC clocks: MC clock period
(2) MC rising edge for LSB to ML rising edge
(3) ML rising edge to the next MC rising edge. If the MC clock is stopped after the LSB, any ML rise time is accepted.
Figure 13. Control Data Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com